Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9079AC Datasheet(PDF) 48 Page - Mitel Networks Corporation

Part # MT9079AC
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AC Datasheet(HTML) 48 Page - Mitel Networks Corporation

Back Button MT9079AC Datasheet HTML 44Page - Mitel Networks Corporation MT9079AC Datasheet HTML 45Page - Mitel Networks Corporation MT9079AC Datasheet HTML 46Page - Mitel Networks Corporation MT9079AC Datasheet HTML 47Page - Mitel Networks Corporation MT9079AC Datasheet HTML 48Page - Mitel Networks Corporation MT9079AC Datasheet HTML 49Page - Mitel Networks Corporation MT9079AC Datasheet HTML 50Page - Mitel Networks Corporation MT9079AC Datasheet HTML 51Page - Mitel Networks Corporation MT9079AC Datasheet HTML 52Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
MT9079
4-284
Notes:
1. The falling edge of DLCLK and IDCLK occurs on the channel 0, bit 4 to bit 3 boundary of every second ST-BUS frame.
Figure 20 - Receive Data Link Timing Diagram
Figure 21 - Transmit Data Link Timing Diagram
AC Electrical Characteristics - Data Link Timing
Characteristic
Sym
Min
Typ
Max
Units
Conditions/Notes
1
Data Link Clock Output Delay
tDCD
75
ns
150pF, See Note 1
2
Data Link Output Delay
tDOD
75
ns
150pF
3
Data Link Setup
tDLS
20
ns
4
Data Link Hold
tDLH
30
ns
C4i
C2i
RxFDL
ST-BUS Bit
Stream
DLCLK
Channel 0, Bit 4
Channel 0, Bit 3
Channel 0, Bit 2
tDCD
tDOD
VTT
VTT
VTT, VCT
VTT, VCT
C4i
C2i
TxFDL
ST-BUS Bit
Stream
IDCLK*
Channel 16, Bit 4
Channel 16, Bit 3
Channel 16, Bit 2
tDCD
tDLH
tDLS
* This clock signal is internal to the MT9079 and cannot be accessed by the user.
VTT
VTT
VTT
VTT, VCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com