Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9079AC Datasheet(PDF) 42 Page - Mitel Networks Corporation

Part # MT9079AC
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AC Datasheet(HTML) 42 Page - Mitel Networks Corporation

Back Button MT9079AC Datasheet HTML 38Page - Mitel Networks Corporation MT9079AC Datasheet HTML 39Page - Mitel Networks Corporation MT9079AC Datasheet HTML 40Page - Mitel Networks Corporation MT9079AC Datasheet HTML 41Page - Mitel Networks Corporation MT9079AC Datasheet HTML 42Page - Mitel Networks Corporation MT9079AC Datasheet HTML 43Page - Mitel Networks Corporation MT9079AC Datasheet HTML 44Page - Mitel Networks Corporation MT9079AC Datasheet HTML 45Page - Mitel Networks Corporation MT9079AC Datasheet HTML 46Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
MT9079
4-278
location. The BPV counter is cleared by writing zero
to location 1DH first and then writing zero to location
1CH of page 4.
The interrupt vector byte is then cleared by reading
it.
This step ensures that interrupts that occurred
when the interface was not initialized will be cleared
before the MT9079 IRQ output is activated. The IRQ
output function is activated by making SPND low.
TAIS is now made high, which indicates to the far
end of the link that this end is functional.
It should be noted that Figure 12 is an initialization
example and does not imply that there is a rigid
sequence that must be followed.
PCM 30 Trunk and Timing Interface
Figure 13 shows the MT9079 connection to a generic
Line
Interface
Unit
(LIU).
The
LIU
has
three
functions: 1) it converts the framed transmit signal to
the required PCM 30 pseudo-ternary signal; 2) it
converts the received PCM 30 pseudo-ternary signal
to a binary signal; and c) it extracts a data clock form
the receive PCM 30 signal.
In
order
to
meet
network
requirements,
it
is
necessary to control the transmit equalization of the
LIU (EC1 - EC3). This pre-emphasizes the transmit
pulse shape so it can fit within a standard pulse
template at a specific point on the transmit link.
When using a LIU that clocks data in and out with
separate signals, the MT9079 remote loopback can
allow bit errors to occur. This is because the MT9079
does not re-time the looped signal, so phase
differences in the C2 and RCLK clock signals will
impact the transmit data. This problem can be
prevented by implementing the remote loopback in
the LIU and controlling it from a port. Performing the
remote loopback in the LIU also more closely
adheres to network requirements, which state that a
remote loopback should be implemented as close to
the PCM 30 side of the trunk as possible.
Figure 13 - PCM 30 Line Interface Unit (LIU)
Figure 14 - Common Channel Signalling Control (Time Slot 16) through the MC68302
Voice/Data Bus
DSTi
DSTo
F0i
C4i/C2i
E2i
TxA
TxB
RxA
RxB
MT9079
EC3
EC2
EC1
RLOOP
TCLK
to
Control
Port
LIU
RCLK
E1 Transmit
Trunk
Interface
E1 Receive
E8ko
System Timing
MT8980D
STon
STin
CSTo
DTA
C4i
MT9079
DSTi
DSTo
C4i/C2i
TxA
TxB
RxA
RxB
E2i
To Trunk Interface
MT8980
µP Interface
MT9079
µP Interface
MC68302
C2
+5V
909
Ω
C4
Address
Data
&
Control
100
Ω
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com