Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16488AMA Datasheet(PDF) 23 Page - Mitel Networks Corporation

Part # PDSP16488AMA
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488AMA Datasheet(HTML) 23 Page - Mitel Networks Corporation

Back Button PDSP16488AMA Datasheet HTML 19Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 20Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 21Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 22Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 23Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 24Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 25Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 26Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 27Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
PDSP16488A MA
23
EPROM
DELAYED
SYNC
CLOCK
BIN
OVERFLOW
DATA OUT
SYNC
O/C
MSB
O/C
16 BIT
PIXEL
DATA
LSB
RESET
O/P ENABLE
IP7:0
HRES
BYPASS
L7:0
CE
D15:0
PDSP
16488
8X4
WINDOW
GND
RES
R/W
GND
DELOP
O/C
GND
IP7:0
HRES
BYPASS
L7:0
CE
D15:0
PDSP
16488
8X4
WINDOW
RES
R/W
OEN
O/C
GND
O/C
MSB
OEN
GND
O/C
DELAYED
SYNC
CLOCK
BIN
OVERFLOW
DATA OUT
SYNC
16 BIT
PIXEL
DATA
RESET
O/P ENABLE
IP7:0
HRES
BYPASS
L7:0
CE
D15:0
PDSP
16488
8X4
WINDOW
O/C
RES
R/W
GND
DELOP
O/C
IP7:0
HRES
BYPASS
L7:0
CE
D15:0
PDSP
16488
8X4
WINDOW
RES
R/W
OEN
O/C
O/C
R/W
HOST CPU
ADDRESS
DECODE
ODD
FIELD
FIELD
DELAY
REPLY
READ
REG
GND
O/C
MSB
MSB
LSB
LSB
CLOCK
Figure 13. Dual Device 16 Bit Systems.
VCC
VCC
PDSP
16488A
8X4
WINDOW
PDSP
16488A
8X4
WINDOW
PDSP
16488A
8X4
WINDOW
PDSP
16488A
8X4
WINDOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com