Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16488AMA Datasheet(PDF) 29 Page - Mitel Networks Corporation

Part # PDSP16488AMA
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488AMA Datasheet(HTML) 29 Page - Mitel Networks Corporation

Back Button PDSP16488AMA Datasheet HTML 22Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 23Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 24Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 25Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 26Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 27Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 28Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 29Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 30Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
PDSP16488A MA
29
Pin No.
GC
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
Volts.
N/C
N/C
V1
N/C
GND
V1
GND
N/C
N/C
V1
GND
V1
N/C
N/C
V1
N/C
V1
GND
V1
GND
GND
N/C
N/C
N/C
N/C
V1
GND
N/C
N/C
N/C
N/C
N/C
N/C
Volts.
N/C
N/C
N/C
N/C
N/C
N/C
GND
N/C
N/C
N/C
N/C
N/C
V1
V1
V1
N/C
V1
N/C
N/C
N/C
V1
GND
GND
N/C
N/C
N/C
N/C
N/C
V1
GND
GND
V1
N/C
Volts
N/C
GND
GND
GND
N/C
V1
GND
V1
V1
GND
V1
GND
V1
V1
V1
V1
N/C
GND
GND
GND
GND
GND
V1
GND
V1
GND
V1
GND
GND
GND
N/C
GND
N/C
Pin No.
GC
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
Volts.
N/C
V1
N/C
N/C
N/C
N/C
N/C
GND
N/C
GND
V1
V1
N/C
N/C
N/C
GND
N/C
N/C
V1
GND
GND
N/C
V1
N/C
N/C
N/C
N/C
GND
N/C
N/C
N/C
N/C
N/C
Pin No.
GC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
Pin No.
GC
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
Part No:
PDSP16488 Single Chip 2D Convolver with Integral Line Delays
Package Type:
GC132
VDD max = +5.0V = V1
N/C = not connected
Figure 19. Life Test/Burn-in connections
NOTE: PDA is 5% and based on groups 1 and 7
ORDERING INFORMATION
PDSP16488A MA GCPR (QFP Package - Non-compliant to MIL-STD-883 Class B)
PDSP16488A MA ACBR (PGA Package - Non-compliant to MIL-STD-883 Class B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com