Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16488AMA Datasheet(PDF) 26 Page - Mitel Networks Corporation

Part # PDSP16488AMA
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488AMA Datasheet(HTML) 26 Page - Mitel Networks Corporation

Back Button PDSP16488AMA Datasheet HTML 22Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 23Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 24Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 25Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 26Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 27Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 28Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 29Page - Mitel Networks Corporation PDSP16488AMA Datasheet HTML 30Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
PDSP16488A MA
26
HOST
CPU
DELAYED
SYNC
O/C
O/C
R/W
PROG
16 BIT
PIXEL
DATA
SYNC
IP7:0
HRES
CE
D15:0
BYPASS
L7:0
[MASTER]
OEN
DS
IP7:0
HRES
CE
D15:0
BYPASS
L7:0
DELOP
OEN
DS
O/C
GND
O/C
GND
DS
O/C
O/C
GND
DATA
OUT
RESET
OVERFLOW
BIN
O/P
ENABLE
IP7:0
HRES
CE
D15:0
BYPASS
L7:0
OEN
DS
O/C
O/C
HRES
CE
D15:0
BYPASS
L7:0
OEN
DS
O/C
O/C
GND
IP7:0
FIELD
DELAY
MSB
MSB
LSB
LSB
MSB
LSB
MSB
LSB
ODD
FIELD
PDSP
16488
PDSP
16488
PDSP
16488
PDSP
16488
Figure 16. Four Device System with 16 Bit Pixels
VCC
VCC
PDSP
16488A
PDSP
16488A
PDSP
16488A
PDSP
16488A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com