Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPAS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MPAS
Description  Quadrature Downconverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MPAS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MPAS Datasheet HTML 1Page - Mitel Networks Corporation MPAS Datasheet HTML 2Page - Mitel Networks Corporation MPAS Datasheet HTML 3Page - Mitel Networks Corporation MPAS Datasheet HTML 4Page - Mitel Networks Corporation MPAS Datasheet HTML 5Page - Mitel Networks Corporation MPAS Datasheet HTML 6Page - Mitel Networks Corporation MPAS Datasheet HTML 7Page - Mitel Networks Corporation MPAS Datasheet HTML 8Page - Mitel Networks Corporation MPAS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
SL1710
Fig.4 Typical RF input impedance
APPLICATION NOTES
These application notes should be read in conjunction with
the circuit diagram Fig 3. and the PCB layout illustrated in Figs
9 and 10. An alternative oscillator configuration using a SAW
Resonator is shown in the circuit diagram Fig. 11 and the PCB
layout illustrated in Figs 12 and 13. These boards have been
designed to permit the initial evaluation of the SL1710
performance.
VARACTOR TUNED
The application detailed in Fig.3 uses a synthesised VCO.
The tuning range of the oscillator is;
Varactor line Voltage.
Oscillator Frequency
5 Volts
458MHz
30 Volts
504MHz
This configuration gives a VCO sensitivity of 1.84MHz/
Volt. The inductor L1 is a 12nF surface mount component.
Different VCO centre frequencies and sensitivities can be
achieved by changing the values of L1, C12 and C13.
The VCO frequency is controlled by the SP5611
synthesiser which is programmed via an I2C bus. The
RF
input to the synthesiser is from the SL1710 prescaler outputs
via RF inductors L3 and L4.
SAW RESONATOR OSCILLATOR
The application detailed in Fig. 11 shows an SL1710 with
a SAW Resonator controlled oscillator. In this instance the
frequency accuracy
and stability of the oscillator are
determined by the Saw Resonator. The PCB detailed in Figs.
12 and 13 is designed to accommodate the following SAWR;
Manufacturer
Part No
MURATA
SAR479.45MB10X200
PRESCALER OUTPUTS
The VCO frequency/32 is available at the differential
prescaler outputs pins 10 and 11. This enables the on board
VCO to be synthesised via a PLL.
VCO DISABLE
The on-chip oscillator can be disabled by connecting the
VCO Disable (pin 15) to ground and enabled by connecting the
pin to V
CC
via a 4K7 pull up resistor.
AGC
The DC voltage measured at TP1 should be adjusted using
VR1 to read 2.5 volts with respect to V
EE
. this voltage equates
to the nominal centre of the AGC control curve. The control
voltage applied to pin 1 can be varied between 0.5 Volts
(maximum gain) and V
CC
-0.5 Volts minimum gain)
0.5
0.2
1
0
+j0.2
+j0.5
+j1
+j2
+j5
2
5
–j5
–j2
–j1
–j0.5
–j0.2
START 350 MHz
STOP 650 MHz
Marker
1 480MHz
Zreal
= 75.7
Zimag
= –36.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com