Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPAS Datasheet (PDF) - Mitel Networks Corporation

MPAS Datasheet PDF - Mitel Networks Corporation
Part # MPAS
Download  MPAS Download
File Size   508.33 Kbytes
Page   12 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Quadrature Downconverter

MPAS Datasheet (PDF)

Go To PDF Page Download Datasheet
MPAS Datasheet PDF - Mitel Networks Corporation

Part # MPAS
Download  MPAS Click to download

File Size   508.33 Kbytes
Page   12 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Quadrature Downconverter

MPAS Datasheet (HTML) - Mitel Networks Corporation


MPAS Product details

Quadrature Downconverter

The SL1710 is a quadrature downconverter, intended for use with both Professional and Consumer Digital Satellite Applications.
The device contains high linearity, low noise amplifiers, quadrature mixers, plus an on-chip oscillator, operating between 350MHz and 500MHz, which may be synthesised via the differential prescaler outputs.
An AGC with 18dB gain control is provided to cope with a wide range of input signal levels.
I and Q outputs are via low impedance single ended amplifiers. These may be connected to a dual channel analog to digital converter such as the PCA916, VP216, VP215 or VP213, via a suitable anti-alias filter.

FEATURES
■ Wide input frequency range (350-500MHz)
■ On chip oscillator with varactor tuning or SAW resonator operation capability
■ Nominal 40dB conversion gain from IF input to I and Q outputs
■ AGC amplifier with 18dB gain control range
■ I to Q phase match 90°C to ± 2°, gain match better than 1dB
■ Low impedance I and Q single ended outputs, with 15MHz ± 1dB BW
■ Divide by 32 prescaler outputs
■ Suitable for QPSK and up to 64QAM systems

APPLICATIONS
■ Consumer digital satellite decoders
■ Professional digital satellite decoders
■ Communication systems




Similar Part No. - MPAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPAS10015610D ETC-MPAS10015610D Datasheet
91Kb / 1P
Mass Terminated Connector System Male Headers Mate With Female Connectors
MPAS156-2-D ETC-MPAS156-2-D Datasheet
91Kb / 1P
Mass Terminated Connector System Male Headers Mate With Female Connectors
MPAS156-3-C ETC-MPAS156-3-C Datasheet
91Kb / 1P
Mass Terminated Connector System Male Headers Mate With Female Connectors
MPAS156-3-D ETC-MPAS156-3-D Datasheet
91Kb / 1P
Mass Terminated Connector System Male Headers Mate With Female Connectors
MPAS156-4-D ETC-MPAS156-4-D Datasheet
91Kb / 1P
Mass Terminated Connector System Male Headers Mate With Female Connectors
More results


Similar Description - MPAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1015 TI-TRF1015 Datasheet
292Kb / 21P
RF DOWNCONVERTER
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
Programmable Downconverter
1999 12
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
Programmable Downconverter
2000 05
logo
Mitel Networks Corporat...
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
Quadrature Downconverter
SL1714 MITEL-SL1714 Datasheet
522Kb / 20P
Quadrature Downconverter
logo
Intersil Corporation
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
Programmable Downconverter
February 2000
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
Programmable Downconverter
May 1, 2007
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
Programmable Downconverter
May 1, 2007
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
Programmable Downconverter
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com