Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPAS Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MPAS
Description  Quadrature Downconverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MPAS Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MPAS Datasheet HTML 2Page - Mitel Networks Corporation MPAS Datasheet HTML 3Page - Mitel Networks Corporation MPAS Datasheet HTML 4Page - Mitel Networks Corporation MPAS Datasheet HTML 5Page - Mitel Networks Corporation MPAS Datasheet HTML 6Page - Mitel Networks Corporation MPAS Datasheet HTML 7Page - Mitel Networks Corporation MPAS Datasheet HTML 8Page - Mitel Networks Corporation MPAS Datasheet HTML 9Page - Mitel Networks Corporation MPAS Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
SL1710
I & Q OUTPUTS
The I and Q output stages of the SL1710 are sensitive to the
loads connected to them. To avoid degrading the output
signals resistive loads connected to these pins should always
be 1K
Ω or greater with a parallel capacitance of 15pF or less
For evaluation purposes this makes the output unsuitable
for connection to test equipment via normal coaxial cables. To
alleviate this problem the application board is fitted with
emitter follower buffer amplifiers which allow the connection of
loads as low as 50
Ω via coaxial cables without loading the
output stages of the SL1710. These buffer amplifiers can be
either connected in circuit, or bypassed by changing the
position of Links 1 and 2.
This technique may be used in a real application where the
SL1710 is used to drive and ADC via an anti-alias filter. Great
care must be taken to ensure that the loading conditions
stated above are not exceeded when designing the anti-alias
filter section. Use of an emitter follower buffer is the easiest
way to alleviate this constraint.
With the AGC voltage adjusted to 2.5 Volts apply an input
signal to the IF IN (pin 5) and monitor the Base Band output
level at the I and Q outputs. Adjust the RF input level until an
output level of 760mV pk-pk is achieved. For best
performance this level should not exceeded.
15pF
PRESCALER
OUTPUT
Vcc 2
2K
Fig.5 Maximum prescaler output load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com