Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MP1S
Description  Quadrature Downconverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation MP1S Datasheet HTML 7Page - Mitel Networks Corporation MP1S Datasheet HTML 8Page - Mitel Networks Corporation MP1S Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
The SL1711 is a quadrature downconverter, intended
primarily for application in professional and consumer digital
satellite tuners.
The device contains all elements necessary, with the
exception of external local oscillator tank to form a complete
system operating at standard satellite receiver intermediate
frequencies. It is intended for use with external carrier
recovery.
The device includes a low noise RF input amplifier, a
reference VCO with prescaler output buffer and In-phase and
Quadrature mixers with baseband buffer amplifiers containing
AGC gain control.
The SL1711 is optimised to drive a dual ADC converter
such as the VP216.
The SL1711 utilises a power MP package, whereas the
SL1711B variant uses a standard MP16 plastic package and
features a revised operating temperature.
FEATURES
s Single chip system for wideband quadrature
downconversion
s Compatible with all standard high IF frequencies
s Excellent gain and phase match up to 30MHz
baseband
s High output referred linearity for low distortion and
multi channel application
s Simple low component application
s Fully balanced low radiation design with fully
integrated quadrature generation
s High operating input sensitivity
s On-board AGC facility
s On chip oscillator for varactor tuning or SAW
resonator operation
s ESD protection (Normal ESD handling procedures
should be observed)
MH16
116
VCCC
AGC
IOUT
VEEA
IFINB
IFIN
IVCCA
QOUT
VEEC
VCCB
VCODIS
VCO
B
VCO
A
VEEB
PSCAL
PSCALB
APPLICATIONS
s Satellite receiver systems
s Data communications systems
s Cable systems
ORDERING INFORMATION
SL1711/KG/MH1P (Sticks)
SL1711/KG/MH1Q (Tape and Reel)
SL1711B/KG/MP1S (Sticks)
SL1711B/KG/MP1T (Tape and Reel)
Fig. 1 Pin allocation
MP16
116
VCCC
AGC
IOUT
VEEA
IFINB
IFIN
IVCCA
QOUT
VEEC
VCCB
VCODIS
VCO
B
VCO
A
VEEB
PSCAL
PSCALB
SL1711
Quadrature Downconverter
Preliminary Information
Supersedes November 1996 version, DS4032 - 1.6
DS4032 - 4.0 October 1997


Similar Part No. - MP1S

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MP1S MITEL-MP1S Datasheet
522Kb / 20P
Quadrature Downconverter
MP1S MITEL-MP1S Datasheet
84Kb / 6P
Satellite Tuner Front End LNA with AGC
MP1S MITEL-MP1S Datasheet
190Kb / 17P
Full Band Satellite Tuner
MP1S MITEL-MP1S Datasheet
63Kb / 6P
High Performance Broadband Mixer Oscillator
MP1S MITEL-MP1S Datasheet
60Kb / 6P
High Performance Broadband Downconverter
More results

Similar Description - MP1S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1015 TI-TRF1015 Datasheet
292Kb / 21P
RF DOWNCONVERTER
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
Programmable Downconverter
1999 12
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
Programmable Downconverter
2000 05
logo
Mitel Networks Corporat...
SL1710 MITEL-SL1710 Datasheet
508Kb / 12P
Quadrature Downconverter
SL1714 MITEL-SL1714 Datasheet
522Kb / 20P
Quadrature Downconverter
logo
Intersil Corporation
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
Programmable Downconverter
February 2000
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
Programmable Downconverter
May 1, 2007
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
Programmable Downconverter
May 1, 2007
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
Programmable Downconverter
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com