Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MP1S
Description  Quadrature Downconverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MP1S Datasheet HTML 9Page - Mitel Networks Corporation MP1S Datasheet HTML 10Page - Mitel Networks Corporation MP1S Datasheet HTML 11Page - Mitel Networks Corporation MP1S Datasheet HTML 12Page - Mitel Networks Corporation MP1S Datasheet HTML 13Page - Mitel Networks Corporation MP1S Datasheet HTML 14Page - Mitel Networks Corporation MP1S Datasheet HTML 15Page - Mitel Networks Corporation MP1S Datasheet HTML 16Page - Mitel Networks Corporation MP1S Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
SL1711
Programming of Synthesisers
A SP5611 synthesiser is used to set the frequency of the
SL1711 VCO 480MHz. Since the SL1711 incorporates a
divide by 32 the synthesised frequency that the SP5611 must
be programmed to is 480/32=15MHz.
Example
a) To program the SL1711 to 480MHz.
I2C Byte
Hex Code
Byte 1 (address)
C2
Byte 2 (programmable divider 8 MSBs)
00
Byte 3 (programmable divider 8 LSBs)
F0
Byte 4 (control data)
CE
Byte 5 (port data)
00
C2 is the address byte byte 1.
0F00 is the programmable divider information bytes 2 and 3.
CE is the control data information byte 4.
**Note - the programmable divider information should be
set to program 480MHz /32 = 15MHz since the SL1711
provides a divide by 32 prescaler output rather than the VCO
carrier frequency.
It is not possible to program the VCO to 479.5MHz when
using a 7.8125kHz phase comparator frequency. The mini-
mum step size is 7.8125kHz x 8 (RF prescaler inside SP5611)
x 32 (SL1711 output prescaler) = 2MHz.
If the reference divider is set to 1024 mode3.90625kHz
phase comparator frequency, the minimum step size will be
1MHz.
This may be achieved by programming the control byte to
CC and modifying the programmable divider information for
the new step size.
SL1711 Operation
The SL1711 will mix an IF input with its own local oscillator.
This is controlled as above via a SP5611 synthesiser.
Normally the VCO will be set to the same frequency as the
IF input, and the signal mixed directly down to baseband.
Alternatively, a CW RF source may be fed into the input of
the SL1711 which is deliberately offset from the VCO. By
varying the offset from 0-20MHz and monitoring the I and Q
channel baseband outputs, the flatness response of the chip/
output filter can be measured.
The SL1711 oscillator may also be disabled by setting the
ON-VCO-OFF switch to the OFF position.
An AGC voltage adjust pot marked AGC ADJUST is
provided, together with a test point.
Measurement of Gain and Phase Match.
a) Synthesise the required frequency 480MHz is used in the
example above.
b) Connect an RF signal generator to the input.
c)Input a signal which should give an output of approx 0dBm
(0.707V p-p), in combination with the appropriate AGC set-
ting.
d) Connect a vector voltmeter to the BUFFERED outputs
when using 50
Ω inputs. When using high impedance probes,
the direct outputs may be used. Selection of outputs is via the
on board U links.
e) CALIBRATE the vector voltmeter and the leads to be used.
The calibration should be performed at the chosen baseband
frequency and level for maximum accuracy.
f) Vary the RF input frequency either side of the LO and note
the relative I and Q gain and phase reading.
If you experience any difficulties with this board, or require
further help, please contact
Robert Marsh on 01793 518234
or
Fred Herman on 01793 518423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com