Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MP1S
Description  Quadrature Downconverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation MP1S Datasheet HTML 7Page - Mitel Networks Corporation MP1S Datasheet HTML 8Page - Mitel Networks Corporation MP1S Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
SL1711
FUNCTIONAL DESCRIPTION
The SL1711 is a wideband quadrature downconverter,
optimised for application in both professional and consumer
digital satellite receiver systems and requiring a minimum
external component count. It contains all the elements
required for construction of a quadrature demodulator, with
the exception of tank circuit for the local oscillator.
A block diagram is shown in Fig. 2.
The SL1711 oscillator can be used with either a varator
tuned tank circuit or with a SAW resonator. Both
configurations are described in the Application Notes section
of this Data Sheet.
A typical digital satellite tuner application from tuner input
to data transport stream is shown in Fig. 13
In normal application the second satellite IF frequency of
typically 402.75 or 479.5 MHz is fed from the tuner SAW filter
to the RF preamplifier, which is optimised for impedance
match and signal handling. The amplifier output signal is then
split into two balanced channels to drive the In-phase and
Quadrature mixers. The typical RF input impedance is shown
in Fig. 3
In-phase and Quadrature LO signals for the mixers are
derived from the on board local oscillator, which uses an
external varactor tuned resonant network and is optimised for
low phase noise. The VCO also drives an on board divide by
32 prescaler whose outputs can be used for driving an external
PLL control loop for the VCO, where the PLL loop is contained
within the QPSK demodulator, for example the VP305. For
optimum performance in the varactor tuned application the
VCO should be fully symmetric. The VCO has a disable facility
by grounding pin 15, VCODIS; in normal applications this pin
is pulled to Vcc via a 4K7 resistor.
The mixer outputs are fed to balanced baseband AGC
amplifier stages, which provide for a minimum of 16 dB of AGC
control. The typical AGC characteristic is shown in Fig. 4.
These amplifiers then feed a low output impedance true
differential to single-ended converter output stage. In normal
application the output can be either directly AC coupled to the
ADC converter such as the VP216, which will generally have
a high input impedance, or to drive an anti alias filter. In this
later case the maximum load presented to the SL1711 must
not exceed a parallel combination of 1K
Ω and 20pF. The
typical baseband output impedance is contained in Fig. 5.
It is recommended that the device is operated with an
output amplitude of 760mV under lock conditions.
Under transient conditions the output should not exceed
the clipping voltage.
Input and output interface circuitry is contained in Fig. 6.
The typical key performance figures at 480 MHz IF, 5V Vcc,
1 k
Ω load and 25 deg C ambient are contained in table headed
'QUICK REFERENCE
DATA'. With SAWR oscillator
application the gain and phase match performance will
typically exceed these numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com