Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3522AMC Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # SL3522AMC
Description  500MHz 75dB Logarithmic/Limiting Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL3522AMC Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button SL3522AMC Datasheet HTML 11Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 12Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 13Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 14Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 15Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 16Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 17Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 18Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 19Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
SL3522
Fig.25 SL3522 pad map for bare IC dice
5.480mm
TO SCALE
22
1
2
3
4
46
45
44
43
42
41
40
39
38
37
36
35
34
47
48
49
50
51
52
33
32
31
30
29
28
27
26
25
24
23
56
7
8
9
10
11
12
13
15
16
17
18
19
20
21
14
TERMINALS ((X) DENOTES MC PACKAGE PIN NUMBER)
1
Video O/P (13)
14
VEE 5A (22)
27
Test point
40
VEE 5B (7)
2
Video O/P VCC (14)
15
VEE 4A (22)
28
VEE 1B (3)
41
RF BUF O/P GND (8)
3
Gain VCC (15)
16
GND 4B (23)
29
GND 1B (4)
42
RF BUF O/P GND (8)
4
Video GND (16)
17
GND 3A (23)
30
GND 2B (4)
43
RF O/P – (9)
5
Offset ADJ (17)
18
VEE 3A (24)
31
VEE 2A (5)
44
RF O/P + (10)
6
Trim REF (18)
19
VEE 2A (24)
32
VEE 3A (5)
45
RF BUF O/P VEE (11)
7
Gain ADJ (19)
20
GND 2A (25)
33
GND 3B (6)
46
Video O/P VEE (12)
8
Gain VEE (20)
21
GND 1A (25)
34
Test point
47
Test point
9
Test point
22
VEE 1A (26)
35
Test point
48
Test point
10
Test point
23
Test point
36
Test point
49
Test point
11
VEE 6A (20)
24
RF I/P signal (27)
37
Test point
50
Test point
12
GND 6A (21)
25
Test point
38
GND 4B (6)
51
Test point
13
GND 5A (21)
26
RF I/P return (28)
39
VEE 4B (7)
52
Test point
NOTES
1. All pads with square cross–section =120 m
120 m
2. All pads with octagonal cross–section =100 m
100 m
3. Chip is passivated with polyimide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com