Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3522AMC Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # SL3522AMC
Description  500MHz 75dB Logarithmic/Limiting Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL3522AMC Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button SL3522AMC Datasheet HTML 2Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 3Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 4Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 5Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 6Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 7Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 8Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 9Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
SL3522
Fig.5 Application circuit successive detection logarithmic function only
+5V VCC
VIDEO
OUTPUT
10n
OFFSET
ADJUST
R0 2k2
10n
10n
GAIN
ADJUST
RG 2k2
15
16
17
18
19
20
21
22
23
24
25
14
13
12
11
10
9
8
7
6
5
4
–5V VEE
10n
3
2
1
26
27
28
10n
RF INPUT
VIDEO
LOADING
R
200
C
20p
RT
1k5
10n
SL3522
Fig.6 Application circuit - Log / Limiting function
+5V VCC
VIDEO
OUTPUT
10n
OFFSET
ADJUST
R0 2k2
10n
10n
GAIN
ADJUST
RG 2k2
15
16
17
18
19
20
21
22
23
24
25
14
13
12
11
10
9
8
7
6
5
4
–5V VEE
10n
3
2
1
26
27
28
10n
VIDEO
LOADING
R
200
C
20p
RT
1k5
10n
RF INPUT
RF OUTPUT
1n
10n
1n
SL3522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com