Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3522AMC Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SL3522AMC
Description  500MHz 75dB Logarithmic/Limiting Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL3522AMC Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SL3522AMC Datasheet HTML 1Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 2Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 3Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 4Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 5Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 6Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 7Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 8Page - Mitel Networks Corporation SL3522AMC Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
SL3522
15
3
Degrees
Degrees
Min.
Typ.
Max.
Phase variation with RF
Input level
Phase tracking between
units
Freq = 300MHz RFIN = -60 to +10dBm
See notes 2, 7
TCASE = +25°C FREQ = 300MHz
See notes 2, 7
Units
Value
Conditions
Parameter
Pin
ELECTRICAL CHARACTERISTICS (cont.)
Notes
1 RF output buffer OFF (pin 8 disconnected from 0V)
2 RF output buffer ON (pin 8 connected to 0V)
3 Minimum dynamic range under any single set of operating conditions
4 Log linearity guaranteed for pin = -64dBm to +6dBm for ALL supply, temperature and frequency conditions
5 Full range of supply, temperature and frequency conditions
6 Input limiting range typically -50dBm to +10dBm
7 Not tested, but guaranteed by characterisation
8 Not tested, but guaranteed by design
The SL3522 CANNOT be GUARANTEED to operate below 100MHz and meet the electrical characteristics shown above.
However, characterisation has shown that the device can still function adequately down to frequencies of 50MHz, with the following
reservations:-
1)The video bandwidth is fixed to approx 40MHz a certain amount of carrier breakthrough on the video O/P (pin 13) will occur,
with input signal frequencies below 100MHz.
2)There are 2 RF coupling capacitors (20pF) on-chip, which couple the output signal from stage 3 to the input of stage 4 (ref
Fig. 24). These can introduce undesirable limiting phase performance for input signal frequencies below 100MHz.
Fig.3 Test circuit
+5V VCC
L3
VIDEO
OUTPUT
470
18p
200
10n
OFFSET
ADJUST
R0 2k2
10n
10n
10n
L4
L5
GAIN
ADJUST
RG 2k2
L2
10n
1n
1n
SW1
15
16
17
18
19
20
21
22
23
24
25
14
13
12
11
10
9
8
7
6
5
4
100
65
4
12
3
ANZAC
TP101
RF OUTPUT
+5V VEE
10n
3
2
1
26
27
28
10n
L1
12
3
65
4
ANZAC
TP101
RF INPUT
NOTES
1.
Inductors L1 to L5 = 3 TURNS
30SWG on Ferrite bead.
2.
D.U.T. mounted in a test socket
– ENPLAS OTS–28–1.27–04
3.
Transmission line BALUNS used
– not recommended in Application (see Para 3C)
RT
1k5
SL3552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com