Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5658S Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP5658S
Description  2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5658S Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP5658S Datasheet HTML 1Page - Mitel Networks Corporation SP5658S Datasheet HTML 2Page - Mitel Networks Corporation SP5658S Datasheet HTML 3Page - Mitel Networks Corporation SP5658S Datasheet HTML 4Page - Mitel Networks Corporation SP5658S Datasheet HTML 5Page - Mitel Networks Corporation SP5658S Datasheet HTML 6Page - Mitel Networks Corporation SP5658S Datasheet HTML 7Page - Mitel Networks Corporation SP5658S Datasheet HTML 8Page - Mitel Networks Corporation SP5658S Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The SP5658 is a single chip frequency synthesiser
designed for tuning systems up to 2.7GHz.
The RF preamplifer contains a divide by two prescaler
which can be disabled for applications up to 2GHz so enabling
a step size equal to the comparison frequency up to 2GHz and
twice the comparison frequency up to 2.7GHz.
Comparison frequencies are obtained either from a crystal
controlled on–chip oscillator or from an external source.
The device contains two switching ports, in the 14 pin
version and four in the 16 pin, together with an ‘‘in–lock” flag
output. The device also contains a varactor line disable and
charge pump disable facility.
FEATURES
s Complete 2.7GHz single chip system
s Optimised for low phase noise
s Selectable divide by two prescaler
s Selectable reference division ratio
s Charge pump disable
s Varactor line disable
s ‘In–lock’ flag
s Two switching ports in 14 pin version
s Four switching ports in 16 pin version
s Pin compatible with SP5659 I 2 C bus low
phase noise synthesiserPP
s ESD protection (Normal ESD handling procedures
should be observed)
APPLICATIONS
s SAT, TV, VCR and Cable tuning systems
s Communications systems
Fig. 1 Pin connections – top view
114
116
116
CRYSTAL
CHARGE PUMP
DISABLE
ENABLE
DATA
CLOCK
PORT P1/OC
DRIVE
V EE
RF INPUT
RF INPUT
V CC
LOCK
PORT P0/OP
MP14
MP16
CRYSTAL
CHARGE PUMP
DISABLE
ENABLE
DATA
CLOCK
PORT P3
PORT P2
DRIVE
V EE
RF INPUT
RF INPUT
V CC
LOCK
PORT P0/OP
PORT P1/OC
ORDERING INFORMATION
SP5658F/KG/MP1S (Tubes, 14 lead SO)
SP5658S/KG/MP2S (Tubes, 16 lead SO)
SP5658F/KG/MP1T (Tape and Mounted)
SP5658S/KG/MP2T (Tape and Mounted)
SP5658
2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
Advance Information
Supersedes October 1996 Media IC Handbook HB3923-2
DS4064 - 4.1 March 1998


Similar Part No. - SP5658S

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAD ZARLINK-SP5654-KG-MPAD Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAS ZARLINK-SP5654-KG-MPAS Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG ZARLINK-SP5654/KG Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG/MPAD ZARLINK-SP5654/KG/MPAD Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
More results

Similar Description - SP5658S

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
Frequency Synthesiser (I2C BUS Programmable)
SP5054 MITEL-SP5054 Datasheet
279Kb / 9P
2.6GHz 3-Wire BUS Controlled Synthesiser
SP5668 MITEL-SP5668 Datasheet
163Kb / 12P
2.7GHz 3-Wire Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
SP5024 ZARLINK-SP5024 Datasheet
320Kb / 8P
3-Wire Bus Controlled Synthesiser
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
2.7GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com