Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV08C Datasheet(PDF) 4 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV08C
Description  Ultra low capacitance - 1.5pF maximum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV08C Datasheet(HTML) 4 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV08C Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV08C Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV08C Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV08C Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
Tra
Pre
Ave
Tam
TS(m
Ref
Pea
Tim
(TP
Ram
Tim
Do
O
Pac
Ref
4
www.ben
ansient Vo
Refl
Heat
Tempe
Tempe
Time
erage ramp up
mp(TL) to p
max) to TL - R
flow
- Temp
- Temp
ak Temperature
me within 5°C
)
mp-down Rate
me 25°C to pea
not exceed
OUTLINE
TAPING
ckage Ree
flow Profile
ncent.com.c
oltage Sup
flow Condition
erature Min
erature Max
(
min to max
rate(Liquid)
peal
Ramp-up Rate
perature (TL) (L
perature (TL)
e (TP)
of actual peak
e
ak Temperature
REE
(PC
3,0
el Informa
e
n
ppressor
n
x)
)
Liquid)
k Temperature
e (TP)
EL
CS)
P
00
ation
Pb-Free ass
150°C
200°C
60 – 180 sec
3°C/s ma
3°C/s ma
217°C
60 – 150 sec
260+0/-5 °C
8– 15secs
6°C/s ma
8 mins M
260°C
PER CARTO
(PCS)
90,000
Customers sho
sembly
cs
ax
ax
cs
C
ax
ax.
ON
DIA
S
uld verify actua
REF
A
B
d
D
D1
D2
E
F
P
P0
P1
W
W1
REEL
AMETERS
(mm)
177
TP
TL
TS(max)
25
TS(min)
Specifications a
al device perfor
mm
1.46+/-0.
2.9+/-0.1
1.25+/-0.
178+/-1.0
55+/-3
13+/-0.5
1.75+/-0.
3.5+/-0.2
4.0+/-0.2
4.0+/-0.2
2.0+/-0.2
8.0+/-0.2
14.4+/-0.
C
L
360
time to peak temp
Preheat
TS
are subject to ch
rmance in their
Order Co
Version
i
1
0.057+
1
0.114+
1
0.049+
0
7.01+
2.165+
5
0.512+
1
0.069+
2
0.138+
2
0.158+
2
0.158+
2
0.079+
2
0.315+
5
0.567+
CARTON SIZ
W
370
perature
Ramp-up
BV08
hange without n
specific applic
ode: BV0
n: A0 2013-11
nch
+/-0.004
+/-0.004
+/-0.004
+/-0.039
+/-0.118
+/-0.020
+/-0.004
+/-0.008
+/-0.008
+/-0.008
+/-0.008
+/-0.008
+/-0.020
ZE(mm)
H
220
Time
Cri
TL
TP
Ramp-dow
TL
8C
notice.
ations
8C
1-12
e
itical Zone
to TP
wn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com