Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV08C Datasheet(PDF) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV08C
Description  Ultra low capacitance - 1.5pF maximum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV08C Datasheet(HTML) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV08C Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV08C Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV08C Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV08C Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
Tra
Pro
En
Hi
Hi
Hi
Hi
Pr
Re
N
Re
4
www.ben
ansient Vo
oduct Dime
nvironmenta
T
igh temperatu
igh Temperat
igh-low Temp
igh Temperat
ressure cooke
esistance of s
ote: The abov
ecommende
C
ncent.com.c
oltage Sup
ensions
al Character
Testing items
ure Reverse B
ture Life Test
perature Cycl
ture &High H
er Test
soldering heat
ve testing item
d Soldering
A
B
n
ppressor
ristics
s
Bias Test
t
le test
Humidity Test
t
ms can be spe
g Pad
Tempera
Time:16
Tempera
Time:16
Tempera
Dwell ti
t
Tempera
Time:16
Tempera
Time:24
Tempera
Time of
ecified by cus
D
Customers sho
ature: 150±3℃
68H
ature: 150℃
68H
ature: From -
me :30min
ature: 85℃Hu
68H
ature: 121℃,
4H
ature: 260±5℃
f dip soldering
stomer’s spec
S
uld verify actua
REF
A
A1
b
c
D
E
H
L
Q1
Techn
℃
Bias=80%
40℃ to125℃
n,10cycles
umidity:85%
2atm. Hum
℃
g:10s,3tim
cial request
REF
A
B
C
D
Specifications a
al device perfor
F
m
1.
0
0.34±
0.17±
1.66±
1.28±
2.5±
0.28±
0.25±
nical standard
%VDRM
℃
midity:100%
mes
mm
3.2
1.0
1.0
0.5
are subject to ch
rmance in their
Order Co
Version
mm
.17
0.1
±
0.10
±0.08
±0.14
±0.17
±0.2
±
0.18
±0.15
ds
m
0
8
6
4
BV08
hange without n
specific applic
ode: BV0
n: A0 2013-11
inch
0.046
0.004
0.013±0.00
0.007±0.00
0.065±0.00
0.050±0.006
0.098±0.00
0.011±0.00
0.010±0.00
inch
0.126
0.043
0.042
0.021
8C
notice.
ations
8C
1-12
39
32
55
66
79
071
59



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com