Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV08C Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV08C
Description  Ultra low capacitance - 1.5pF maximum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV08C Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV08C Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV08C Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV08C Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV08C Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
Tra
IE
15
U
Lo
M
W
Sm
x
Ab
①
②
③
Pa
P
Ap
F
(
(
(
4
www.ben
ansient Vo
EC 61000-4-2
50Watts peak
Ultra low capa
ow clamping
Moisture sensi
Weight 5.0 mg
mall package
xDSL
Pa
Num
BV0
bsolute maxim
VBR is measu
Surge Wave
Off-state cap
art Number a
BV
(1)
art Number
pplication in
Features
(1) Bencent T
(2) Series: 08
(3)Bidirection
ncent.com.c
oltage Sup
2(ESD)±15K
k pulse power
acitance:1.5pF
voltage
itivity level:
g
e:SOD323
art
mber
ID
μA
MA
08C
2
mum ratings m
ured at IR=1m
eform: 8/20μ
pacitance is m
and Electric
08
(2)
ring System
nformation
Transient Volt
etc.
nal TVS
n
ppressor
KV(air), ±8K
r (tp=8/20μS)
F maximum
Level 1
DRM@ VDRM
A
V
AX
2
8
measured at
mA
S.
measured in V
cal Paramet
C
(3)
m
tage Suppress
KV(contact)
)
VBR①@
V
MIN
8.5
T= 25ºC RH
VDC=0V,VRMS
ter
sor
Customers sho
@ IR
mA
M
1
1
H = 45%-75%
S=1V,f=1MH
M
E
Ag
S
uld verify actua
Vc@Ipp②
V
A
MAX
13.4
1
(unless other
Hz
Mark
Exterior
gency Appr
Icon
C
C
M
1
Specifications a
al device perfor
Vc@
V
MAX
18.5
rwise noted).
B4
BC: Part
09
rovals
Compliance w
Compliance w
Mean lead fre
B006
09
SOD
B
are subject to ch
rmance in their
Order Co
Version
@Ipp②
A
8
42LC
Number
909
Description
with 2011/65
with IEC6124
ee
6U2G
909
D323
BC
BV08
hange without n
specific applic
ode: BV0
n: A0 2013-11
CO③
pF
MAX
1.5
n
5/EU
49-2-21:2003
G
2
8C
notice.
ations
8C
1-12


Similar Part No. - BV08C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BV08C BENCENT-BV08C Datasheet
231Kb / 4P
Transient Voltage Suppressor
logo
TECH PUBLIC Electronics...
BV08C TECHPUBLIC-BV08C Datasheet
2Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
logo
Shenzhen Bencent Electr...
BV08C BENCENT-BV08C_16 Datasheet
231Kb / 4P
Transient Voltage Suppressor
More results

Similar Description - BV08C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03_07 Datasheet
71Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_07 Datasheet
79Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
NXP Semiconductors
PESD5V0L1BSF NXP-PESD5V0L1BSF Datasheet
167Kb / 13P
Ultra low profile bidirectional low capacitance
Rev. 1-18 February 2011
logo
Protek Devices
PDLC05 PROTEC-PDLC05_12 Datasheet
597Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
SeCoS Halbleitertechnol...
SGESD2201-33 SECOS-SGESD2201-33 Datasheet
232Kb / 3P
Ultra Low Capacitance
logo
Yea Shin Technology Co....
YSULCXXDT3 YEASHIN-YSULCXXDT3 Datasheet
188Kb / 3P
ULTRA LOW CAPACITANCE
logo
Shenzhen Bencent Electr...
BV_SD05 BENCENT-BV_SD05 Datasheet
377Kb / 4P
Ultra low capacitance - 320pF maximum
BV03DW BENCENT-BV03DW Datasheet
481Kb / 4P
Ultra low capacitance - 3.0 pF maximum
BV05C BENCENT-BV05C Datasheet
306Kb / 4P
Ultra low capacitance - 1.5pF maximum
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
Ultra low isolation capacitance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com