Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5902AF Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # SM5902AF
Description  compression and non compression type shock-proof memory controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5902AF Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button SM5902AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 21Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
NIPPON PRECISION CIRCUITS-17
SM5902AF
Bit
Name
Function
HIGH-level state
S7
S6
S5
S4
UC5RD
S3
UC4RD
S2
UC3RD
S1
UC2RD
S0
UC1RD
1001 0011
93hex =
Input data entering (or output data from) an extension port terminal is echoed to the microcontroller.
(That is, the input data entering an I/O port configured as an input port using the 81H command,
OR the output data from a pin configured as an output port using the 82H command.)
Bit
Name
Function
S7
AM21
Valid data accumulated VWA-RA (MSB) 8M bits
S6
AM20
S5
AM19
S4
AM18
S3
AM17
S2
AM16
S1
AM15
S0
AM14
M1
AM13
M2
AM12
M3
AM11
M4
AM10
M5
AM09
M6
AM08
M7
AM07
M8
AM06
1001 0010
92hex =
Note. The time conversion factor varies depending on the compression bit mode.(M = 1,048,576 K= 1,024)
Residual time (sec) = Valid data residual (Mbits)
× Time conversion value K
where the Time conversion value K (sec/Mbit)
≈ 2.78 (4 bits), 2.22 (5 bits), 1.85 (6 bits) and 0.74 (Full bits).
4M bits
2M bits
1M bits
512k bits
256k bits
128k bits
64k bits
32k bits
16k bits
8k bits
1k bits
4k bits
2k bits
512 bits
256 bits
Shock-proof memory valid data residual 92
Extension I/O inputs 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com