Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5902AF Datasheet(PDF) 18 Page - Nippon Precision Circuits Inc

Part # SM5902AF
Description  compression and non compression type shock-proof memory controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5902AF Datasheet(HTML) 18 Page - Nippon Precision Circuits Inc

Back Button SM5902AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 22Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Flag
Read
name
method
FLAG6
READ
Meaning
- Indicates to the CD signal processor DSP (used for error correction, de-interleaving) that a
90H
disturbance has exceeded the RAM jitter margin.
bit 7
Set
- Set according to the YFLAG input and the operating state of YFCKP and YFLGS.
FLAG6 set conditions
When YFLGS=0, YFCKP=0, YFCLK input falling edge, YFLAG=L
When YFLGS=0, YFCKP=1, YFCLK input rising edge, YFLAG=L
When YFLGS=1, YFCKP=0, YFLAG=L
When YFLGS=1, YFCKP=1, YFLAG=H
Reset
- By 90H status read
- By 80H command when MSON=ON
- After external reset
MSOVF
READ
Meaning
- Indicates once only that a write to external DRAM has caused an overflow. (When reset
90H
by the 90H status read command, this flag is reset even if the overflow condition continues.)
bit 6
Set
- When the write address (WA) exceeds the read address (RA)
Reset
- By 90H status read
- When a read address clear (MSRACL) or write address clear (MSWACL) command is issued
- After external reset
BOVF
READ
Meaning
- Indicates input data rate was too fast causing buffer overflow and loss of data
90H
Set
- When inputs a data during a buffer memory overflow
bit 5
Reset
- By 90H status read
- When a read address clear (MSRACL) or write address clear (MSWACL) command is issued
- After external reset
DCOMP
READ
Meaning
- Indicates that a compare-connect sequence is operating
90H
Set
- When a (3-pair or 2-pair) compare-connect start command is received (MSDCN2=1)
bit 3
- When a direct connect command is received (MSDCN2=0, MSDCN1=1)
Reset
- When a (3-pair or 2-pair) comparison detects conforming data
- When the connect has been performed after receiving a direct connect command
- When a compare-connect stop command (MSDCN2=0, MSDCN1=0) is received
- When a MSWREN=1 command is received (However, if a compare-connect command is
received at the same time, the compare-connect command has priority.)
- After external reset
MSWIH
READ
Meaning
- Indicates that the encode sequence has stopped due to internal factors
90H
(not microcontroller commands)
bit 2
Set
- When FLAG6 (above) is set
- When BOVF (above) is set
- When MSOVF (above) is set
Reset
- When conforming data is detected after receiving a compare-connect start command
- When the connect has been performed after receiving a direct connect command
- When a read address clear (MSRACL) or write address clear (MSWACL) command is received
- After external reset
MSRIH
READ
Meaning
- Indicates that the decode sequence has stopped due to internal factors
90H
(not microcontroller commands)
bit 1
Set
- When the valid data residual becomes 0
Reset
- By 90H status read
- When a read address clear (MSRACL) or write address clear (MSWACL) command is issued
- After external reset
Status flag operation summary
NIPPON PRECISION CIRCUITS-18
SM5902AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com