Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5902AF Datasheet(PDF) 19 Page - Nippon Precision Circuits Inc

Part # SM5902AF
Description  compression and non compression type shock-proof memory controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5902AF Datasheet(HTML) 19 Page - Nippon Precision Circuits Inc

Back Button SM5902AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5902AF Datasheet HTML 23Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
NIPPON PRECISION CIRCUITS-19
SM5902AF
Flag
Read
name
method
MSEMP
READ
Meaning
- Indicates that the valid data residual has become 0
91H
Set
- When the VWA (final valid data's next address)
bit 7
= RA (address from which the next read would take place)
Reset
- Whenever the above does not apply
OVFL
READ
Meaning
- Indicates a write to external DRAM overflow state
91H
Set
- When the write address (WA) exceeds the read address (RA).
bit 6
(Note: This flag is not set when WA=RA through an address initialize or reset operation.)
Reset
- When the read address (RA) is advanced by the decode sequence
- When a read address clear (MSRACL) or write address clear (MSWACL) command is issued
- After external reset
ENCOD
READ
Meaning
- Indicates that the encode sequence (input data entry, encoding, DRAM write) is operating
91H
Set
- By the 80H command when MSWREN=1
bit 5
- When conforming data is detected during compare-connect operation
- When the connect has been performed after receiving a direct connect command
Reset
- When the FLAG6 flag=1 (above)
- When the OVFL flag=1 (above)
- By the 80H command when MSWREN=0
- By the 80H command when MSDCN1=1 or MSDCN2=1 (compare-connect start command)
- By the 80H command when MSON=0
- After external reset
Note. Reset conditions have priority over set conditions. For example, if the 80H command has
MSWREN=1 and MSDCN1=1, the ENCOD flag is reset and compare-connect operation starts.
DECOD
READ
Meaning
- Indicates that the decode sequence (read from DRAM, decoding,
91H
attenuation, data output) is operating
bit 4
Set
- By a new 80H command when MSRDEN=1 and the MSEMP flag=0 (above)
Reset
- Whenever the above does not apply
QRDY
READ
Meaning
Subcode Q data write-buffer write enable indicator
91H
Set
After internal subcode Q data write-buffer contents are read out.
bit 3
Reset
When data is written to address 1001 using the 87H command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com