Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4328 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4328 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB4328 Datasheet HTML 9Page - Cirrus Logic CDB4328 Datasheet HTML 10Page - Cirrus Logic CDB4328 Datasheet HTML 11Page - Cirrus Logic CDB4328 Datasheet HTML 12Page - Cirrus Logic CDB4328 Datasheet HTML 13Page - Cirrus Logic CDB4328 Datasheet HTML 14Page - Cirrus Logic CDB4328 Datasheet HTML 15Page - Cirrus Logic CDB4328 Datasheet HTML 16Page - Cirrus Logic CDB4328 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
THEORY OF OPERATION
The CS4328 architecture can be considered in
five blocks: Interpolation, sample/hold, delta-
sigma modulation, D/A conversion, and analog
filtering.
Audio data is input to the CS4328 digital inter-
polation filter which removes images of the input
signal that are present at multiples of the input
sample frequency, Fs (Figure 21). Following the
interpolation stage, the resulting frequency spec-
trum has images of the input signal at multiples
of eight times the input sample frequency, 8
× Fs
(Figure 22). Eliminating the images between Fs
and 8
× Fs greatly relaxes the requirements of the
analog filtering, allowing the suppression of im-
ages while leaving the audio band of interest
unaltered.
The CS4328 interpolation stage is followed by a
sample-and-hold function where the data points
from the interpolator are held for eight (64
× Fs)
clock cycles. The resulting frequency response
is a sinx/x characteristic with zeros at 8
× Fs mul-
tiples.
The sinx/x zeros completely attenuate
signals at 8
× Fs and largely suppress the remain-
ing energy of the images (Figure 23). The 8
×
interpolation followed by the 8
× sample-and-
hold results in data at a rate of 64
× Fs.
The delta-sigma modulator takes in the 64
× Fs
data (3.072 MHz for 48kHz sampled systems)
and performs fifth-order noise shaping.
In the
digital modulator of the CS4328, 18-bit audio
data is modulated to a 1-bit, 64
× Fs signal. The
5th-order noise shaper allows 1-bit quantization
to support 18-bit audio processing by suppress-
ing quantization noise in the bandwidth of
interest.
Figure 24 shows the frequency spec-
trum of the modulator output.
The CS4328’s digital modulator is followed by a
D-to-A converter that translates the 1-bit signal
into a series of charge packets. The magnitude
of the charge in each packet is determined by
sampling of a voltage reference onto a switched
Audio
Data
Analog
Output
Continuous
Time
Filter
DAC
8 X S/H
8x
Interpolator
Delta
Sigma
Modulator
Digital
Switched
Cap
LPF
Analog Filter
Figure 20. CS4328 Architecture
f (kHz)
8Fs
16Fs
24
(dB)
Figure 23. Spectrum After S/H
f (kHz)
8Fs
16Fs
24
(dB)
Figure 22. 8X Interpolated Data Spectrum
f(kHz)
24
(dB)
Figure 24. Modulator Output Spectrum
f (kHz)
Fs
2Fs
24
(dB)
Figure 21. Input Data Spectrum
CS4328
DS62F3
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com