Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4328 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CDB4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4328 Datasheet(HTML) 2 Page - Cirrus Logic

  CDB4328 Datasheet HTML 1Page - Cirrus Logic CDB4328 Datasheet HTML 2Page - Cirrus Logic CDB4328 Datasheet HTML 3Page - Cirrus Logic CDB4328 Datasheet HTML 4Page - Cirrus Logic CDB4328 Datasheet HTML 5Page - Cirrus Logic CDB4328 Datasheet HTML 6Page - Cirrus Logic CDB4328 Datasheet HTML 7Page - Cirrus Logic CDB4328 Datasheet HTML 8Page - Cirrus Logic CDB4328 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
* Definitions are at the end of this data sheet.
Specifications are subject to change without notice.
ANALOG CHARACTERISTICS (TA = 25°C for K grade, TA = -40 to +85 °C for B grade; VA+,VD+
= 5V; VA- = -5V; Logic "1" = VD+; Logic "0" = DGND; Full-Scale Output Sinewave, 991 Hz; Input Word Rate =
48 kHz; Input Data = 18 Bits; BICK = 3.072 MHz; RL = 10k
Ω; Measurement Bandwidth is 10 Hz to 20 kHz, un-
weighted; unless otherwise specified.)
Parameter*
CS4328-K
CS4328-B
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
TA
0+70
-40
+85
°C
Resolution
16
-
-
16
-
-
Bits
Dynamic Performance
Signal-to-Noise Ratio
(A-weighted)
(Note 1)
SNR
120
-
-
120
-
-
dB
Total Harmonic Distortion + Noise
(A-Weighted) THD+N
0 dB Output,
-
-93
-90
-
-88
-85
dB
-20 dB Output,
-
-77
-73
-
-75
-70
dB
-60 dB Output,
-
-37
-33
-
-35
-30
dB
Deviation From Linear Phase
(Note 2)
-
-
± 0.5
-
-
± 0.5
-
deg
Passband:
to -3 dB corner
(Notes 3, 4)
-
0
to
23.5
0
to
23.5
kHz
to 0.00025 dB corner
(Notes 3, 4)
0
to
21.6
0
to
21.6
kHz
Frequency Response 10 Hz to 20 kHz
(Note 2)
-
-0.05
+0.1
+0.2
-0.05
+0.1
+0.2
dB
Passband Ripple
(Note 4)
-
-
-
0.00025
-
-
0.00025
dB
StopBand
(Note 3)
-
26.4
-
-
26.4
-
-
kHz
StopBand Attenuation
(Note 2)
-
90
-
-
90
-
-
dB
Group Delay (IWR = Input Word Rate)
tgd
-
33/IWR
-
-
33/IWR
-
s
Interchannel Isolation
(1 kHz)
-
-100
-110
-
-95
-105
-
dB
dc Accuracy
Interchannel Gain Mismatch
-
-
0.1
-
-
0.1
-
dB
Gain Error
-
-
-
± 5-
-
± 5%
Gain Drift
-
-
150
-
-
150
-
ppm/
°C
Offset Error (after calibration)
-
-
-
± 1-
-
± 1mV
Analog Output
Full Scale Output Voltage
VOUT
3.8
4.0
4.2
3.8
4.0
4.2
Vpp
Power Supplies
Power Supply Current:
VA+
IA+
-
40
55
-
40
55
mA
VA-
IA-
-
-40
-55
-
-40
-55
mA
VD+
ID+
-
50
60
-
50
60
mA
Power Dissipation
-
-
650
850
-
650
850
mW
Power Supply Rejection Ratio
(1 kHz)
PSRR
-
50
-
-
50
-
dB
Notes:
1. Idle channel, digital input all zeros.
2. Combined digital and analog filter characteristics.
3. The passband and stopband edges scale with frequency. For input word rates, IWR, other than
48 kHz, the 0.00025 dB passband edge is 0.45
×IWR and the stopband edge is 0.55×IWR.
4. Digital filter characteristics.
CS4328
2
DS62F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com