Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4328 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4328 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB4328 Datasheet HTML 17Page - Cirrus Logic CDB4328 Datasheet HTML 18Page - Cirrus Logic CDB4328 Datasheet HTML 19Page - Cirrus Logic CDB4328 Datasheet HTML 20Page - Cirrus Logic CDB4328 Datasheet HTML 21Page - Cirrus Logic CDB4328 Datasheet HTML 22Page - Cirrus Logic CDB4328 Datasheet HTML 23Page - Cirrus Logic CDB4328 Datasheet HTML 24Page - Cirrus Logic CDB4328 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Features
• Demonstrates recommended layout
and grounding arrangements
• CS4328 Supports multiple input formats
• CS8412 Receives AES/EBU, S/PDIF,
& EIAJ-340 Compatible Digital Audio
• Digital and Analog Patch Areas
• Operation with on-board CS8412 or
externally supplied system timing
General Description
The CDB4328 evaluation board allows fast evaluation
of the CS4328 18-bit, stereo D/A converter. The board
provides an analog output interface via BNC connec-
tors for both channels. Evaluation requires an analog
signal analyzer, a digital signal source, and a power
supply.
Also included is a CS8412 digital audio receiver I.C.,
which will accept
AES/EBU,
S/PDIF, and EIAJ-340
compatible audio data.
The CS8412 can provide the
system timing necessary to operate the CS4328.
The evaluation board may also be configured to accept
external timing signals for operation in a user applica-
tion during system development.
ORDERING INFORMATION: CDB4328
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445 7222 Fax: (512) 445 7581
http://www.crystal.com
AUG ’93
DS62DB2
21
CS4328 Evaluation Board
CDB4328
Error Info/
Channel
Status
-15V GND
+15V
GND
+5V
L/R SCLK SDATA MCLK
Power Supply
Regulation and Conditioning
AOUTR
AOUTL
Analog
Patch
Area
Digital
Patch
Area
CS4328
D/A Converter
Offset
Calibration
Network
Digital Audio Input
Timing
Signal
Selector
CS8412
Digital
Audio
Receiver
6
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com