Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QJAF Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # QJAF
Description  1A Snubber Damping Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

QJAF Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  QJAF Datasheet HTML 1Page - Cystech Electonics Corp. QJAF Datasheet HTML 2Page - Cystech Electonics Corp. QJAF Datasheet HTML 3Page - Cystech Electonics Corp. QJAF Datasheet HTML 4Page - Cystech Electonics Corp. QJAF Datasheet HTML 5Page - Cystech Electonics Corp. QJAF Datasheet HTML 6Page - Cystech Electonics Corp. QJAF Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C211AF
Issued Date : 2015.06.30
Revised Date : 2015.08.21
Page No. : 4/7
QJAF
CYStek Product Specification
Recommended Footprint
Inches
Millimeters
DIM
Typ
Typ
A
0.075
1.90
B
0.055
1.40
C
0.075
1.90



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com