Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QJAF Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # QJAF
Description  1A Snubber Damping Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

QJAF Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  QJAF Datasheet HTML 1Page - Cystech Electonics Corp. QJAF Datasheet HTML 2Page - Cystech Electonics Corp. QJAF Datasheet HTML 3Page - Cystech Electonics Corp. QJAF Datasheet HTML 4Page - Cystech Electonics Corp. QJAF Datasheet HTML 5Page - Cystech Electonics Corp. QJAF Datasheet HTML 6Page - Cystech Electonics Corp. QJAF Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C211AF
Issued Date : 2015.06.30
Revised Date : 2015.08.21
Page No. : 2/7
QJAF
CYStek Product Specification
Absolute Maximum Ratings (TA=25℃, unless otherwise noted)
Value
Parameters
Conditions
Symbol
62
65
70
Units
Repetitive peak reverse voltage
VRRM
620
650
700
V
RMS voltage
VRMS
434
455
490
V
Continuous reverse voltage
VR
620
650
700
V
Forward rectified current
Single phase half wave,
60Hz @TJ=25°C
IF(AV)
1
A
Repetitive Peak Forward Current
Single phase half wave,
60Hz @TJ=25°C
IFRM
1.57
A
8.3ms single half sine-wave
superimposed on rated load
(JEDEC method)
10
Forward surge current
tp≤ 1μs
IFSM
20
A
Maximum reverse recovery time
IF=0.5A, IR=1.0A, IRR=0.25A
trr
3
μs
TA=25°C
(Note )
1.3
TA=70°C
(Note )
0.83
TC=25°C
6.2
Power Dissipation
TC=100°C
PD
2.5
W
Storage temperature range
Tstg
-55~+150
°C
Operating junction temperature range
Tj
-55~+150
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
20
Thermal Resistance, Junction-to-ambient, max (Note )
Rth,j-a
95
°C/W
Note : Mounted on PCB with 10mm×10mm copper pad area.
Characteristics (TA=25°C, unless otherwise noted)
Characteristic
Symbol
Condition
Min.
Typ
Max.
Unit
Continuous reverse voltage
VR
IR=100
μA
620
-
-
V
VF 1
IF=100mA
-
-
0.95
Forward Voltage
VF 2
IF=500mA
-
-
1.2
V
VR=600V
-
-
100
nA
Reverse Leakage Current
IR
VR=540V, TA=125
°C
-
-
10
μA
Junction Capacitance
CJ
VR=1V, f=1MHz
-
6
-
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com