Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QJAF Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # QJAF
Description  1A Snubber Damping Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

QJAF Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  QJAF Datasheet HTML 1Page - Cystech Electonics Corp. QJAF Datasheet HTML 2Page - Cystech Electonics Corp. QJAF Datasheet HTML 3Page - Cystech Electonics Corp. QJAF Datasheet HTML 4Page - Cystech Electonics Corp. QJAF Datasheet HTML 5Page - Cystech Electonics Corp. QJAF Datasheet HTML 6Page - Cystech Electonics Corp. QJAF Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C211AF
Issued Date : 2015.06.30
Revised Date : 2015.08.21
Page No. : 1/7
QJAF
CYStek Product Specification
1A Snubber Damping Rectifier
QJAF
Features
• High current capability
• Smoothly soft reverse recovery time (trr)
• Low profile surface mounted package in order to minimize board space
• Pb-free lead plating and halogen-free package
Mechanical data
•Case : Molded plastic, SMA-S/JEDEC DO-214AC
•Epoxy : UL94-V0 rated flame retardant
•Terminals : Plated terminals, solderable per MIL-STD-202 method 208
•Polarity : Indicated by cathode band
•Mounting position : Any
•Weight: 0.057 gram, 0.0017 ounce
Symbol
Outline
QJAF
SMA-S
(Cathode)
1
2
(Anode)
Ordering Information
Device
Package
Shipping
QJAF-XX-T4-G
SMA-S
(Pb-free lead plating and halogen-free package)
7500 pcs / tape & reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T4: 7500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Similar Description - QJAF

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
QDL3 CYSTEKEC-QDL3 Datasheet
250Kb / 6P
1A /90V Snubber Damping Rectifier
QJ-2L CYSTEKEC-QJ-2L Datasheet
245Kb / 6P
1A Snubber Damping Rectifier
QJCTL3 CYSTEKEC-QJCTL3 Datasheet
239Kb / 6P
1A Snubber Damping Rectifier
QJCTM3 CYSTEKEC-QJCTM3 Datasheet
232Kb / 6P
1A Snubber Damping Rectifier
QJL3 CYSTEKEC-QJL3 Datasheet
239Kb / 6P
1A Snubber Damping Rectifier
QJM3 CYSTEKEC-QJM3 Datasheet
232Kb / 6P
1A Snubber Damping Rectifier
QJP-2L CYSTEKEC-QJP-2L Datasheet
409Kb / 6P
1A Snubber Damping Rectifier
QJP-62 CYSTEKEC-QJP-62 Datasheet
389Kb / 6P
1A Snubber Damping Rectifier
QJP-65 CYSTEKEC-QJP-65 Datasheet
389Kb / 6P
1A Snubber Damping Rectifier
QJP CYSTEKEC-QJP Datasheet
388Kb / 6P
1A Snubber Damping Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com