Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2003C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2003C/D
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2003C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2003C/D Datasheet HTML 4Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 5Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 6Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 7Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 8Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 9Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 10Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 11Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Temperature Measurement
The MAX2003/MAX2003A employs a negative tempera-
ture-coefficient (NTC) thermistor to measure the bat-
tery’s temperature. This temperature value can be used
to determine start and termination of fast-charge. The
two temperature conditions that can be used for fast-
charge termination are:
• Maximum Temperature
• Rate-of-Change of Temperature (
∆T/∆t)
Figure 5 shows the various temperature cutoff points and
the typical voltages that the device will see at the TS pin.
VLTF (low-temperature fault voltage) refers to the volt-
age at TS when the battery temperature is too low, and
VHTF (high-temperature fault voltage) refers to the high-
temperature cutoff. If the voltage is outside these limits,
the MAX2003/MAX2003A will not enter fast-charge
mode. After fast-charge is initiated, the termination
point for high-temperature termination is VTCO (temper-
ature cutoff voltage), rather than VHTF. See Figure 5 for
TEMP LED status.
VLTF is set internally at 0.4VCC, so (with a 5V supply)
VLTF is 2V. VTCO is set up using external resistors to
determine the high-temperature cutoff after fast-charge
begins. VHTF is internally set to be (VLTF - VTCO) / 8
above VTCO.
Thermistors are inherently nonlinear with respect to
temperature. This nonlinearity is especially noticed
when
∆T/∆t measurements are made to determine
charge termination. The simplest way around this is to
place a resistor-divider network in parallel with the ther-
mistor (Figure 6) to reduce the effects of nonlinearity.
The lowpass filter (RT, CT) placed on the TS pin attenu-
ates high-frequency noise on the signal seen by TS.
Charge Pending
Before fast-charge is initiated, the cell voltage and tem-
perature of the battery pack must be within the
assigned limits. If the voltage or temperature is outside
these limits, the device is said to be in a “charge-pend-
ing” state. During this mode, the CHG pin will cycle low
(LED on) for 0.125sec and high (LED off) for 1.375sec.
Fast-charge is normally initiated if the cell voltage is
greater than VEDV (end-of-discharge voltage). If the cell
voltage is too low (below VEDV), the device waits until
the trickle current brings the voltage up before fast-
charge is initiated. VEDV is set internally at 0.2VCC, so
(for a 5V supply) VEDV is 1V.
If the temperature of the cell is not between VLTF and
VHTF the device is also in a charge-pending state (see
Temperature Measurement section).
Initiate Fast-Charge
If the MAX2003/MAX2003A are out of the charge-pend-
ing state, fast-charge can be initiated upon one of the
following conditions:
• Battery Replacement
• Applying Power to the MAX2003/MAX2003A
(battery already present)
• Digital Control Signal
During fast-charge, the CHG pin will be continuously
low (LED on). For the initial period of fast-charge (the
hold-off time), the voltage charge-termination methods
are disabled. The hold-off time is a function of the
charge rate selected by TM1 and TM2 (see Table 4).
NiCd/NiMH Battery
Fast-Charge Controllers
8
_______________________________________________________________________________________
VCC = 5V
VLTF - VTCO
VLTF = 0.4VCC
1/8 (VLTF - VTCO)
7/8 (VLTF - VTCO)
VHTF
VTCO
VSS = 0V
OFF
ON
ON
TEMP LED
STATUS
Figure 5. Temperature Measurement Scale
RC FILTER
100k
RT
VCC
CT
0.1
µF
NTC
TS
SNS
RT2
RT1
MAX2003
MAX2003A
Figure 6. Thermistor Configuration for Temperature Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com