Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2003C/D Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX2003C/D
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2003C/D Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX2003C/D Datasheet HTML 12Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 13Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 14Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 15Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 16Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 17Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 18Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 19Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
current value must be sufficiently guardbanded to
ensure the limiting factor is the SNS resistor, and not
the transistor. In our example, the maximum current
supplied by the Darlington will be guardbanded to
1.8A. Since the beta of the Darlington is typically 1000,
the base current needed will be:
IB = IC / BETA = 1.8A / 1000 = 1.8mA
The emitter of the TIP115 will see 14V, so the base will
see about 12.6V. When the MOD pin is high, the
2N2222 transistor is on and the base resistor will be:
RB = VB / IB = 12.6V / 1.8mA
≈ 6.8kΩ
This 1.8A current will never be reached because MOD
will be off when the SNS voltage reaches 0.25V (0.9A).
Current-Limited Supply
The circuit in Figure 12 is set up to charge a Duracell
DR35 battery pack (nine cells, 2.6Ah) using a 19V, 2.6A
current-limited power supply provided by Advanced
Power Solutions. Since many power supplies have
built-in current limiting, very few external components
are required for this charging method.
The SNS pin in this circuit is tied directly to VSS. This
signals the MOD pin to stay high until a termination
condition is met. When MOD is high, the NPN transistor
is turned on, hence pulling the gate of the MOSFET low.
This turns the MOSFET on and supplies current to the
battery at the current limit of the source (2.6A). The 12V
zener diode is placed between the source and gate of
the FET to ensure the FET’s maximum source-drain
voltage is not exceeded.
When a termination condition is reached, the MOD pin
goes low to turn off the FET and terminate the fast-
charge current.
NiCd/NiMH Battery
Fast-Charge Controllers
18
______________________________________________________________________________________
Table 7. Operation Summary
Discharge initiated with temperature
and voltage within set limits.
Discharge
Fast-charge initiated and tempera-
ture or voltage outside the set limits.
Charge Pending
a) Power applied and voltage at
CCMD = DCMD
b ) DCMD = Low, CCMD = Rising
Edge (power already present)
c ) DCMD = High, CCMD = Falling
Edge (power already present)
Initiate Fast-Charge
Rising edge on DCMD
Initiate Discharge
Charge Status
(VBAT - VSNS) ≥ VMCV
Battery Absent
Conditions
Low
Low
Low
Low
Low
MOD Status
High
Low
Low
Low
Low
DIS
Status
1.375
0.125
—
—
—
CHG LED Status
0.125
1.375
Continuous
Continuous
Continuous
Pulse current provided by pulsing
MOD pin after fast-charge/top-off.
Pulsed Trickle-
Charge (MAX2003A)
Trickle current provided by external
resistor after fast-charge/top-off.
Constant Trickle-
Charge (MAX2003)
Charge complete and top-off
enabled without exceeding temper-
ature and voltage limits.
Top-Off Charge
Exceed one of the five termination
conditions.
Charge Complete
Fast-charge initiated with tempera-
ture and voltage within set limits.
Fast-Charge
Pulsed according to charge rate
(Table 4).
Low
MAX2003A: Activate for 0.5sec in
every 4sec period.
MAX2003: Active for 4sec in
every 34sec period.
Low
If VSNS > 0.050VCC, MOD = Low
If VSNS > 0.044VCC, MOD = High
Low
Low
Low
Low
Low
0.125
0.125
0.125
0.125
Continuous
0.125
0.125
0.125
0.125
—
LED On
(Low)
(sec)
LED Off
(High)
(sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com