Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2003C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2003C/D
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2003C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2003C/D Datasheet HTML 1Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 2Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 3Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 4Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 5Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 6Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 7Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 8Page - Maxim Integrated Products MAX2003C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX2003/MAX2003A are fast-charge battery charg-
ers (with conditioning) for NiCd (nickel cadmium) or
NiMH (nickel-metal hydride) rechargeable batteries. The
MAX2003A has the same features as the MAX2003 with
an additional pulsed trickle-charge mode to prevent den-
drite formation in NiMH batteries. Each can be config-
ured as a switch-mode current regulator or as a gating
controller for an external current source. Switch-mode
current regulation provides efficient energy transfer,
reducing power dissipation and the associated heating.
Gating control of an external current source requires
minimal components, saving space and cost.
On-chip algorithms determine charge termination, so the
MAX2003/MAX2003A can be used as stand-alone
chargers. Fast-charge termination is accomplished by
five methods: temperature slope, negative voltage
change, maximum temperature, maximum time, and
maximum voltage. As a safety feature, the start of fast-
charge is inhibited until battery voltage and temperature
are within safe limits. By selecting the appropriate
charge-termination method, a single circuit can be built
with the MAX2003/MAX2003A to fast-charge both NiMH
and NiCd batteries.
The MAX2003/MAX2003A provide a switch-activated
discharge-before-charge option that allows for battery
conditioning and more accurate capacity measure-
ment. Other features include optional top-off charging
and direct drivers for LED status lights.
The MAX2003, in DIP and wide SO packages, is a direct
plug-in replacement for the bq2003. The MAX2003/
MAX2003A also come in a space-saving narrow SO
package. The MAX2003A evaluation kit (MAX2003A
EVKIT-SO) is available to assist in designs.
________________________Applications
Battery-Powered Equipment:
Laptop, Notebook, and Palmtop Computers
Handy-Terminals
Portable Consumer Products:
Portable Stereos
Cordless Phones
Backup-Battery Applications:
Memory Hold-Up
Emergency Switchovers
____________________________Features
o Stand-Alone NiCd or NiMH Fast Chargers
o New Pulsed Trickle-Charge Mode (MAX2003A only)
o Provide Switch-Mode, Gated, or Linear Control
Regulation
o Small, Narrow SO Package Available
o On-Chip Fast-Charge Termination Methods:
• Temperature Slope
• Maximum Voltage
• Negative Delta Voltage
• Maximum Time
• Maximum Temperature
o Automatically Switch from Fast-Charge to
Trickle-Charge or Top-Off Charge
o Optional Discharge-Before-Charge
o Directly Drive Status LEDs
o Optional Top-Off Charge
NiCd/NiMH Battery
Fast-Charge Controllers
________________________________________________________________
Maxim Integrated Products
1
19-0371; Rev 4; 5/97
PART
MAX2003CPE
MAX2003CSE
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
___________________Pin Configuration
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
DIS
MOD
CHG
TM1
DVEN
DCMD
CCMD
TOP VIEW
MAX2003
MAX2003A
TEMP
MCV
TCO
SNS
VSS
BAT
TS
TM2
DIP/SO
MAX2003CWE
MAX2003C/D
0°C to +70°C
0°C to +70°C
16 Wide SO
Dice*
* Contact factory for dice specifications.
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
MAX2003ACPE
MAX2003ACSE
MAX2003ACWE
MAX2003AC/D
0°C to +70°C
0°C to +70°C
16 Plastic DIP
16 Narrow SO
0°C to +70°C
0°C to +70°C
16 Wide SO
Dice*
Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX2003C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20034 MAXIM-MAX20034 Datasheet
2Mb / 24P
Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20034ATIRVY MAXIM-MAX20034ATIRVY Datasheet
2Mb / 24P
Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20034ATISVY MAXIM-MAX20034ATISVY Datasheet
2Mb / 24P
Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20034EVKIT MAXIM-MAX20034EVKIT Datasheet
1Mb / 8P
Dual High-Voltage Step-Down Controllers to Minimize Board-Area Occupancy
Rev 0; 11/17
MAX20034EVKIT# MAXIM-MAX20034EVKIT# Datasheet
1Mb / 8P
Dual High-Voltage Step-Down Controllers to Minimize Board-Area Occupancy
Rev 0; 11/17
More results

Similar Description - MAX2003C/D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
NiCd/NiMH Fast-Charge Management ICs
2/99
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
logo
Texas Instruments
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
NiCd/NiMH Fast-Charge Management ICs
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
NiCd/NiMH Fast-Charge Management IC
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com