| Electronic Components Datasheet Search |
|
SM5907AF Datasheet(PDF) 25 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5907AF Datasheet(HTML) 25 Page - Nippon Precision Circuits Inc |
|
25 / 30 page ![]() NIPPON PRECISION CIRCUITS-25 SM5907AF Through-mode operation If MSON is set LOW (80H command), an operating mode that does not perform shock-proof functions becomes active. In this case, input data is passed as-is (except Force mute operation) to the output. External DRAM is not accessed. - In this case, input data needs to be at a rate fs and the input word clock must be synchronized to the CLK input (384fs). However, short-range jitter can be tolerated (jitter-free system). - Jitter-free system timing starts from the first YLRCK rising edge after either (A) a reset (NRE- SET= 0) release by taking the reset input from LOW to HIGH or (B) by taking MSON from HIGH to LOW. Accordingly, to provide for the largest possi- ble jitter margin, it is necessary that the YLRCK clock be at rate fs by the time jitter-free timing starts. The jitter margin is 0.2/ fs (80 clock cycles). This jitter margin is the allowable difference between the system clock (CLK) divided by 384 (fs rate clock) and the YLRCK input clock. If the timing difference exceeds the jitter margin, irregular operation like data being output twice or, conversely, incomplete data output may occur. In the worst case, a click noise may also be generat- ed. When switching from shock-proof mode to through mode, an output noise may be generated, and it is therefore recommended to use the YDMUTE set- ting to mute ZSRDATA until just before data output. Force mute Serial output data is muted by setting the YDMUTE pin input HIGH or by setting the MUTE flag to 1. Mute starts and finishes on the leading left-channel bit. When MSON is HIGH and valid data is empty (MSEMP=H), the output is automatically forced into the mute state. 12-bit comparison connection When the CMP12 flag is set to 1, the least signifi- cant 4 bits of the 16-bit comparison connection input data are discarded and comparison connec- tion is performed using the remaining 12 bits. Note that if the CMP12 flag is set to 1 during a com- parison connection operation, only the most signifi- cant 12 bits are used for comparison connection from that point on. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |