Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5907AF Datasheet(PDF) 23 Page - Nippon Precision Circuits Inc

Part # SM5907AF
Description  compression and non compression type shock-proof memory controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5907AF Datasheet(HTML) 23 Page - Nippon Precision Circuits Inc

Back Button SM5907AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 26Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 27Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
NIPPON PRECISION CIRCUITS-23
SM5907AF
Compare-connect sequence
The SM5907AF supports three kinds of connect
modes; 3-pair compare-connect, 2-pair compare-
connect and direct connect.
Note that the SM5907AF can also operate in 12-bit
comparison connect mode using only the most sig-
nificant 12 bits of data for connection operation.
In 3-pair compare-connect mode, the final 6 valid
data (3 pairs of left- and right-channel data input
before encode processing) and the most recently
input data are compared until three continuous data
pairs all conform. At this point, the encode
sequence is re-started and data is written to VWA.
In 2-pair compare-connect mode, comparison
occurs just as for 3-pair comparison except that
only 2 pairs from the three compared need to con-
form with the valid data. At this point, the encode
sequence is re-started and data is written to VWA.
In direct-connect mode, comparison is not per-
formed at all, and encode sequence starts and data
is written to the VWA. This mode is for systems that
cannot perform compare-connect operation.
- Compare-connect preparation time
1. Comparison data preparation time
Internally, when the compare-connect start com-
mand is issued, a sequence starts to restore the
data for comparison. The time required for this
preparation after receiving the command is approxi-
mately 2.5
× (1/fs). (approximately 60 µs when fs =
44.1 kHz)
2. After the above preparation is finished, data is
input beginning from the left-channel data and com-
parison starts.
3. If the compare-connect command is issued
again, the preparation time above is not necessary
and operation starts from step 2.
4. The same sequence takes place in direct-con-
nect mode also. However, at the point when 3
words have been input, all data is directly connect-
ed as if comparison and conformance had taken
place.
- Compare-connect sequence stop
If a compare-connect stop command (80H with
MSDCN1= 1, MSDCN2= 0) is input from the micro-
controller, compare-connect sequence stops.
If compare-connect sequence was not operating,
the compare-connect stop command performs no
operation. However, make sure that the other bit
settings within the same 80H command are valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com