Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5907AF Datasheet(PDF) 30 Page - Nippon Precision Circuits Inc

Part # SM5907AF
Description  compression and non compression type shock-proof memory controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5907AF Datasheet(HTML) 30 Page - Nippon Precision Circuits Inc

Back Button SM5907AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 26Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 27Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 28Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 29Page - Nippon Precision Circuits Inc SM5907AF Datasheet HTML 30Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
NIPPON PRECISION CIRCUITS-30
SM5907AF
NP0018AE
2000.10
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to
improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for
the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits
are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision
Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modifica-
tion. The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or
malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter, includ-
ing compliance with export controls on the distribution or dissemination of the products. Customers shall not export, directly or indirect-
ly, any products without first obtaining required licenses and approvals from appropriate government agencies.
NIPPON PRECISION CIRCUITS INC.
4-3, FUKUZUMI 2 CHOME, KOTO-KU
TOKYO,135-8430, JAPAN
Telephon:
+81-3-3642-6661
Facsimile:
+81-3-3642-6698
http://www.npc.co.jp/
Email: sales@npc.co.jp
NIPPON PRECISION CIRCUITS INC.
Microcontroller interface functions
Pin No.
SM5903BF
SM5907AF
7 pin
N.C.
NCAS3
Device comparison with SM5903BF
Pin difference
85H (RAMS1=0, RAMS2=0)
SM5903BF: 1M DRAM
× 1
SM5907AF: 16M DRAM
× 2
92H (valid residual)
In the SM5907AF, if 16M DRAM
× 2 configuration
is selected using the 85H command (85H
RAMS1=0, RAMS2=0), the residual data is 1-bit
shifted in order to represent the maximum
32Mbits.
As pin 7 on the SM5903BF is not connected inter-
nally, the possible DRAM configurations are 4M
× 1,
4M
× 2, and 16M × 1, all of which are completely
compatible with the SM5907AF.
Note that the chip process is different, and hence
some DC characteristics are different.
When 16M
× 2 configuration is used, the microcon-
troller interface valid residual memory is different
(92H status read). See "Read command summary".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com