Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016D-90FIB Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM29F016D-90FIB
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-90FIB Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM29F016D-90FIB Datasheet HTML 25Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 26Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 27Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 28Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 29Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 30Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 31Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 32Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
28
Am29F016D
AC CHARACTERISTICS
Read-only Operations
Notes:
1. Not 100% tested.
2. Refer to and for test specifications.
Parameter Symbol
Parameter Description
Test
Setup
Speed Options
Unit
JEDEC
Std
-70
-90
-120
-150
tAVAV
tRC
Read Cycle Time (Note 1)
Min
70
90
120
150
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
Max
70
90
120
150
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
70
90
120
150
ns
tGLQV
tOE
Output Enable to Output Delay
Max
40
40
50
55
ns
tOEH
Output Enable Hold
Time (Note 1)
Read
Min
0000
ns
Toggle and
Data# Polling
Min
10101010
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
20
20
30
35
ns
tGHQZ
tDF
Output Enable to Output High Z (Note 1)
Max
20
20
30
35
ns
tAXQX
tOH
Output Hold Time From Addresses CE#
or OE# Whichever Occurs First
Min
0000
ns
tReady
RESET# Pin Low to Read Mode
(Note 1)
Max
20202020
µs
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
0 V
RY/BY#
RESET#
tDF
tOH
Figure 9.
Read Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com