Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016D-90FIB Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29F016D-90FIB
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-90FIB Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29F016D-90FIB Datasheet HTML 9Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 10Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 11Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 12Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 13Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 14Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 15Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 16Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
12
Am29F016D
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Autoselect Codes (High Voltage Method) table. In addi-
tion, when verifying sector protection, the sector ad-
dress must appear on the appropriate highest order
address bits. Refer to the corresponding Sector Ad-
dress Tables. The Command Definitions table shows
the remaining address bits that are don’t care. When all
necessary bits have been set as required, the program-
ming equipment may then read the corresponding
identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in the Command Defini-
tions table. This method does not require VID. See
“Command Definitions” for details on using the autose-
lect mode.
Table 3.
Am29F016D Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Sector Group Protection/Unprotection
The hardware sector group protection feature dis-
ables both program and erase operations in any sec-
tor group. Each sector group consists of four adjacent
sectors. Table 4 shows how the sectors are grouped,
and the address range that each sector group con-
tains. The hardware sector group unprotection fea-
ture re-enables both program and erase operations in
previously protected sector groups.
Sector group protection/unprotection must be imple-
mented using programming equipment. The procedure
requires a high voltage (VID) on address pin A9 and the
control pins. Details on this method are provided in a
supplement, publication number 23922. Contact an
AMD representative to obtain a copy of the appropriate
document. Note that the sector group protection and
unprotection scheme differs from that used with the
prev ious ve rs ions of this dev i c e , n a mely t h e
Am29F016B and Am29F016.
The device is shipped with all sector groups unpro-
tected. AMD offers the option of programming and pro-
tecting sector groups at its factory prior to shipping the
device through AMD’s ExpressFlash™ Service. Con-
tact an AMD representative for details.
It is possible to determine whether a sector group is
protected or unprotected. See “Autoselect Mode” for
details.
Table 4.
Sector Group Addresses
Temporary Sector Group Unprotect
This feature allows temporary unprotection of previ-
ously protected sector groups to change data in-sys-
tem. The Sector Group Unprotect mode is activated
by setting the RESET# pin to VID. During this mode,
formerly protected sector groups can be programmed
or erased by selecting the sector group addresses.
Description
CE#
OE# WE# A20-A18
A17-A10
A9
A8-A7
A6
A5-A2
A1
A0
DQ7-DQ0
Manufacturer ID:
AMD
LL
H
X
X
VID
XVIL
XVIL
VIL
01h
Device ID:
Am29F016D
LL
H
X
X
VID
XVIL
XVIL
VIH
ADh
Sector Group
Protection
Verification
LL
H
Sector
Group
Address
XVID
XVIL
XVIH
VIL
01h (protected)
00h (unprotected)
Sector
Group
A20
A19
A18
Sectors
SGA0
0
0
0
SA0
–SA3
SGA1
0
0
1
SA4
–SA7
SGA2
0
1
0
SA8
–SA11
SGA3
0
1
1
SA12
–SA15
SGA4
1
0
0
SA16
–SA19
SGA5
1
0
1
SA20
–SA23
SGA6
1
1
0
SA24
–SA27
SGA7
1
1
1
SA28
–SA31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com