Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016D-90FIB Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM29F016D-90FIB
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-90FIB Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM29F016D-90FIB Datasheet HTML 11Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 12Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 13Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 14Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 15Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 16Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 17Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 18Page - Advanced Micro Devices AM29F016D-90FIB Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
14
Am29F016D
COMMON FLASH MEMORY INTERFACE
(CFI)
The Common Flash Interface (CFI) specification out-
lines device and host system software interrogation
handshake, which allows specific vendor-specified
software algorithms to be used for entire families of de-
vices. Software support can then be device-indepen-
dent, JEDEC ID-independent, and forward- and
backward-compatible for the specified flash device
families. Flash vendors can standardize their existing
interfaces for long-term compatibility.
This device enters the CFI Query mode when the sys-
tem writes the CFI Query command, 98h, to address
55h, any time the device is ready to read array data.
The system can read CFI information at the addresses
given in Tables 5–8. To terminate reading CFI data, the
system must write the reset command.
The system can also write the CFI query command
when the device is in the autoselect mode. The device
enters the CFI query mode, and the system can read
CFI data at the addresses given in Tables 5–8. The sys-
tem must write the reset command to return the device
to the autoselect mode.
For further information, please refer to the CFI Specifi-
cation and CFI Publication 100, available via the World
Wide Web at http://www.amd.com/products/nvd/over-
view/cfi.html. Alternatively, contact an AMD represen-
tative for copies of these documents.
Table 5.
CFI Query Identification String
Addresses
Data
Description
10h
11h
12h
51h
52h
59h
Query Unique ASCII string “QRY”
13h
14h
02h
00h
Primary OEM Command Set
15h
16h
40h
00h
Address for Primary Extended Table
17h
18h
00h
00h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
00h
00h
Address for Alternate OEM Extended Table (00h = none exists)
Table 6.
System Interface String
Addresses
Data
Description
1Bh
45h
VCC Min. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Ch
55h
VCC Max. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Dh
00h
VPP Min. voltage (00h = no VPP pin present)
1Eh
00h
VPP Max. voltage (00h = no VPP pin present)
1Fh
03h
Typical timeout per single byte/word write 2N µs
20h
00h
Typical timeout for Min. size buffer write 2N µs (00h = not supported)
21h
0Ah
Typical timeout per individual block erase 2N ms
22h
00h
Typical timeout for full chip erase 2N ms (00h = not supported)
23h
05h
Max. timeout for byte/word write 2N times typical
24h
00h
Max. timeout for buffer write 2N times typical
25h
04h
Max. timeout per individual block erase 2N times typical
26h
00h
Max. timeout for full chip erase 2N times typical (00h = not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com