Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26CIM5-RPA Datasheet(PDF) 5 Page - Texas Instruments

Part # LM26CIM5-RPA
Description  Accurate, Factory-Preset Thermostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26CIM5-RPA Datasheet(HTML) 5 Page - Texas Instruments

  LM26CIM5-RPA Datasheet HTML 1Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 2Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 3Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 4Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 5Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 6Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 7Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 8Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM26
www.ti.com
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM)
±2500
V(ESD)
Electrostatic discharge(1)
V
Machine Model
±250
(1)
The human body model is a 100-pF capacitor discharge through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Specified Temperature Range (TMIN ≤ TA ≤ TMAX)
−55
125
°C
Positive Supply Voltage (V+)
2.7
5.5
V
Maximum VOUT
5.5
V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
7.4 Thermal Information
LM26
THERMAL METRIC(1)
DBV (SOT-23)
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
250
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
The following specifications apply for V
+ = 2.7 V
DC to 5.5 VDC, and VTEMP load current = 0 µA unless otherwise specified. All
limits apply for TA = TJ = TMIN to TMAX unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
TEMPERATURE SENSOR
Trip Point Accuracy (Includes VREF, DAC,
–55°C
≤ TA ≤ +110°C
±3
°C
Comparator Offset, and Temperature
TA = +120°C
±4
°C
Sensitivity errors)
HYST = GND
11
°C
Trip Point Hysteresis
HYST = V+
2
°C
VTEMP Output Temperature Sensitivity
−10.82
mV/°C
VTEMP Temperature Sensitivity Error to
−30°C ≤ TA ≤ 120°C
±3
°C
Equation:
−55°C ≤ TA ≤
4.5 V
≤ V+ ≤ 5.5 V
±3
°C
VO = (−3.479 × 10
−6 × (T − 30)2) +
120°C,
(
−1.082 × 10−2 × (T − 30)) + 1.8015 V
TA = 30°C
±2.5
°C
Source
≤ 1 μA
0.070
mV
VTEMP Load Regulation
Sink
≤ 40 μA
0.7
mV
+2.7 V
≤ V+ ≤ +5.5 V,
VTEMP Line Regulation
−0.2
mV/V
−30°C ≤ TA ≤ +120°C
TA = 25°C
16
20
µA
IS
Supply Current
40
(1)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com