Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26CIM5-RPA Datasheet(PDF) 9 Page - Texas Instruments

Part # LM26CIM5-RPA
Description  Accurate, Factory-Preset Thermostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26CIM5-RPA Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM26CIM5-RPA Datasheet HTML 5Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 6Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 7Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 8Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 9Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 10Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 11Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 12Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
6
TEMP
6
1.8015
V
T
1525.04
2.4182
10
3.479
10-
-
= -
+
´
+
´
6
2
2
O
V = (
3.47 10
(T
30) ) + (1.082 10
(T
30)) + 1.8015 V
-
-
-
´
´
-
´
´
-
LM26
V+
VTEMP
GND
HYST
OS/OS/US/
US
CLOAD
R
0.12f
Heavy Capacitive
Load, Cable/Wiring
LM26
V+
VTEMP
GND
HYST
OS/OS/US/
US
CLOAD
R
0.12f
Heavy Capacitive
Load, Cable/Wiring
LM26
www.ti.com
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
Figure 6. Resistor Placement for Capacitive-
Figure 7. Resistor Placement for Capacitive-
Loading Compensation of VTEMP With R in Series
Loading Compensation of VTEMP With R in Series
With Capacitor
With Signal Path
8.4 Device Functional Modes
The LM26 after factory programming has two functional modes one with 2°C Hysteresis and the other with 10°C
hysteresis as programmed by the level of the HYST pin. Selection of the level will depend on the system noise
and the temperature transition rate.
8.4.1 After Assembly PCB Testing
The LM26's VTEMP output allows after-assembly PCB testing by following a simple test procedure. Simply
measuring the VTEMP output voltage will verify that the LM26 has been assembled properly and that its
temperature sensing circuitry is functional. The VTEMP output has very weak drive capability that can be
overdriven by 1.5mA. Therefore, one can simply force the VTEMP voltage to cause the digital output to change
state, thereby verifying that the comparator and output circuitry function after assembly. Here is a sample test
procedure that can be used to test the LM26CIM5-TPA which has an 85°C trip point.
1. Turn on V+ and measure VTEMP. Then calculate the temperature reading of the LM26 using the equation:
(3)
or
(4)
2. Verify that the temperature measured in step one is within (±3°C + error of reference temperature sensor) of
the ambient/board temperature. The ambient/board temperature (reference temperature) should be
measured using an extremely accurate calibrated temperature sensor.
3.
(a) Observe that OS is high.
(b) Drive VTEMP to ground.
(c) Observe that OS is now low.
(d) Release the VTEMP pin.
(e) Observe that OS is now high.
4.
(a) Observe that OS is high.
(b) Drive VTEMP voltage down gradually.
(c) When OS goes low, note the VTEMP voltage.
(d) VTEMPTrig = VTEMP at OS trigger (HIGH->LOW)
(e) Calculate Trig using Equation 2.
5.
(a) Gradually raise VTEMP until OS goes HIGH. Note VTEMP.
(b) Calculate THYST using Equation 2.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com