Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26CIM5-RPA Datasheet(PDF) 11 Page - Texas Instruments

Part # LM26CIM5-RPA
Description  Accurate, Factory-Preset Thermostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26CIM5-RPA Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM26CIM5-RPA Datasheet HTML 7Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 8Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 9Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 10Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 11Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 12Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 13Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 14Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
5V
5V
LM26
V+
VTEMP
R1
(10k)
0.1
OS
Heater
Heater
Supply
GND
HYST
5V
5V
5V Fan
MC05J3
Comair-Rotron
IC2
LM26
V+
VTEMP
GND
HYST
OS
100k
NDS356P
8:
IC1
LM3886
47k
20k
1k
THERMALLY COUPLED
0.1Pf
+28V
-28V
-
+
Audio
Input
10PF
3.3PF
1N4001
5V
Vout
12V
TOYO
USTF802512HW
LM26
V+
VTEMP
GND
HYST
R1
(1k)
0.1
OS
1N4001
5V
5V
5V Fan
MC05J3
Comair-Rotron
LM26
V+
VTEMP
GND
HYST
OS
R1
(100k)
0.1
NDS356P
1N4001
Trip Point
Trip Point - Hysteresis
VTEMP Output
(Temp. of Leads)
OFF
ON
Fan
Speed
OS
1900 RPM
3800 RPM
LM26
www.ti.com
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
9.2.3 Application Curve
Figure 9. Temperature Effect on Fan Speed
9.3 System Examples
Figure 10. Fan High-Side Drive
Figure 11. Fan Low-Side Drive
Figure 12. Audio Power Amplifier Thermal
Figure 13. Simple Thermostat
Protection
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com