Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM71 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM71
Description   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM71 Datasheet(HTML) 4 Page - Texas Instruments

  LM71 Datasheet HTML 1Page - Texas Instruments LM71 Datasheet HTML 2Page - Texas Instruments LM71 Datasheet HTML 3Page - Texas Instruments LM71 Datasheet HTML 4Page - Texas Instruments LM71 Datasheet HTML 5Page - Texas Instruments LM71 Datasheet HTML 6Page - Texas Instruments LM71 Datasheet HTML 7Page - Texas Instruments LM71 Datasheet HTML 8Page - Texas Instruments LM71 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM71, LM71-Q1
SNIS125D – MARCH 2004 – REVISED MARCH 2013
www.ti.com
Device Number
Thermal Resistance (
θJA)
LM71CIMF/LM71QCIMF
250°C/W
LM71CISD
57.6°C/W
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V(1). Boldface limits apply for T
A = TJ = TMIN to
TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
LM71CIMF
Units
Parameter
Conditions
Typical(2)
LM71CISD
(Limit)
Limits(3)
TA = −10°C to +65°C
±1.5
°C (max)
Temperature Error(1)(4)
TA = −40°C to +85°C
±2.0
°C (max)
TA = −40°C to +150°C
+3/
−2
°C (max)
14
Bits
Resolution
0.03125
°C
Temperature Conversion Time
See(5)
200
270
ms (max)
Quiescent Current
Serial Bus Inactive
300
550
μA (max)
(1)
The LM71 will operate properly over the V+ supply voltage range of 2.65V to 5.5V.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(4)
For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with internal heating. This can cause an
error of 0.64°C at full rated sink current and saturation voltage based on junction-to-ambient thermal resistance.
(5)
This specification is provided only to indicate how often temperature data is updated. The LM71 can be read at any time without regard
to conversion state (and will yield last conversion result). A conversion in progress will not be interrupted. The output shift register will be
updated at the completion of the read and a new conversion restarted.
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V(1). Boldface limits apply for T
A = TJ = TMIN to
TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical(2)
Limits(3)
Units (Limit)
V+ × 0.7
V (min)
VIN(1)
Logical “1” Input Voltage
V+ + 0.3
V (max)
−0.3
V (min)
VIN(0)
Logical “0” Input Voltage
V+ × 0.3
V (max)
Input Hysteresis Voltage
V+ = 3.0V to 3.6V
0.4
0.33
V (min)
IIN(1)
Logical “1” Input Current
VIN = V
+
0.005
3.0
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−3.0
μA (min)
CIN
All Digital Inputs
20
pF
VOH
High Level Output Voltage
IOH = −400 μA
2.4
V (min)
VOL
Low Level Output Voltage
IOL = +2 mA
0.4
V (max)
VO = GND
−1
μA (min)
IO_TRI-STATE
TRI-STATE Output Leakage Current
VO = V
+
+1
μA (max)
(1)
The LM71 will operate properly over the V+ supply voltage range of 2.65V to 5.5V.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are ensured to AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM71 LM71-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com