Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM71 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM71
Description   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM71 Datasheet(HTML) 1 Page - Texas Instruments

  LM71 Datasheet HTML 1Page - Texas Instruments LM71 Datasheet HTML 2Page - Texas Instruments LM71 Datasheet HTML 3Page - Texas Instruments LM71 Datasheet HTML 4Page - Texas Instruments LM71 Datasheet HTML 5Page - Texas Instruments LM71 Datasheet HTML 6Page - Texas Instruments LM71 Datasheet HTML 7Page - Texas Instruments LM71 Datasheet HTML 8Page - Texas Instruments LM71 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Temperature
Sensor
Circuitry
Control
Logic
Temperature
Register
Manufacturer's
ID Register
Three-Wire
Serial Interface
14-Bit
Delta-Sigma
A/D Converter
SI/O
SC
2.65V to 5.5V
LM71
CS
LM71, LM71-Q1
www.ti.com
SNIS125D – MARCH 2004 – REVISED MARCH 2013
LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
Check for Samples: LM71, LM71-Q1
1
FEATURES
Temperature Accuracy
−10°C to +65°C: ±1.5°C (max)
2
LM71Q is AEC-Q100 Grade 0 Qualified and is
Manufactured on an Automotive Grade Flow
−40°C to 150°C: +3/− 2°C (max)
5-Pin SOT-23 Package or 6-Pin No-Pull-Back
Temperature Resolution: 31.25 m°C
WSON Package
DESCRIPTION
Operates Over a Full
−40°C to +150°C Range
The LM71 is a low-power, high-resolution digital
SPI and MICROWIRE Bus Interface
temperature sensor with an SPI and MICROWIRE
compatible interface, available in the 5-pin SOT-23 or
APPLICATIONS
the 6-pin WSON (no pull back) package. The host
System Thermal Management
can query the LM71 at any time to read temperature.
Its low operating current is useful in systems where
Personal Computers
low power consumption is critical.
Portable Electronic Devices
The LM71 has 13-bit plus sign temperature resolution
Disk Drives
(0.03125°C
per
LSB)
while
operating
over
a
Office Electronics
temperature range of
−40°C to +150°C.
Electronic Test Equipment
The LM71’s 2.65V to 5.5V supply voltage range, fast
Vending Machines
conversion rate, low supply current, and simple SPI
Automotive
interface
make
it
ideal
for
a
wide
range
of
applications. The LM71Q is available in the 5-lead
SOT-23 package only.
KEY SPECIFICATIONS
Supply Voltage: 2.65V to 5.5V
Supply Current
Operating: 300 µA (typ)
550 µA (max)
Simplified Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM71

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM71 TI2-LM71 Datasheet
760Kb / 21P
LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
REVISED AUGUST 2018
LM71-Q1 TI2-LM71-Q1 Datasheet
760Kb / 21P
LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
REVISED AUGUST 2018
logo
National Semiconductor ...
LM710 NSC-LM710 Datasheet
115Kb / 10P
Voltage Comparator
More results

Similar Description - LM71

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM74A NSC-LM74A Datasheet
605Kb / 12P
SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com