Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM71 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM71
Description   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM71 Datasheet(HTML) 2 Page - Texas Instruments

  LM71 Datasheet HTML 1Page - Texas Instruments LM71 Datasheet HTML 2Page - Texas Instruments LM71 Datasheet HTML 3Page - Texas Instruments LM71 Datasheet HTML 4Page - Texas Instruments LM71 Datasheet HTML 5Page - Texas Instruments LM71 Datasheet HTML 6Page - Texas Instruments LM71 Datasheet HTML 7Page - Texas Instruments LM71 Datasheet HTML 8Page - Texas Instruments LM71 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LM71
1
2
3
4
5
CS
GND
SI/O
SC
V
+
LM71
1
2
3
4
6
CS
GND
SI/O
SC
V
+
5
GND
LM71, LM71-Q1
SNIS125D – MARCH 2004 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. 5-Pin SOT-23
Figure 2. 6-Pin WSON No Pull-Back
See Package Number DBV
See Package Number NGG0006A
PIN DESCRIPTIONS
Label
Pin Number
Function
Typical Connection
SOT-23-5
WSON-6
CS
1
4
Chip Select input
From controller
GND
2
2, 5
Power Supply Ground
Connect all GND Pins to ground
Slave Input/Output - Serial bus bi-directional
SI/O
3
3
From and to controller
data line. Shmitt trigger input.
Slave Clock - Serial bus clock Shmitt trigger
SC
4
1
From controller
input line
DC voltage from 2.65V to 5.5V. Bypass with
V+
5
6
Positive Supply Voltage Input
a 0.1
μF ceramic capacitor.
Typical Application
Figure 3. COP Microcontroller Interface
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM71 LM71-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com