Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260CVR Datasheet(PDF) 45 Page - Motorola, Inc

Part # MPC8260CVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260CVR Datasheet(HTML) 45 Page - Motorola, Inc

Back Button MPC8260CVR Datasheet HTML 40Page - Motorola, Inc MPC8260CVR Datasheet HTML 41Page - Motorola, Inc MPC8260CVR Datasheet HTML 42Page - Motorola, Inc MPC8260CVR Datasheet HTML 43Page - Motorola, Inc MPC8260CVR Datasheet HTML 44Page - Motorola, Inc MPC8260CVR Datasheet HTML 45Page - Motorola, Inc MPC8260CVR Datasheet HTML 46Page - Motorola, Inc MPC8260CVR Datasheet HTML 47Page - Motorola, Inc MPC8260CVR Datasheet HTML 48Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
45
Ordering Information
1.6
Ordering Information
Figure 16 provides an example of the Motorola part numbering nomenclature for the MPC826xA. In
addition to the processor frequency, the part numbering scheme also consists of a part modifier that indicates
any enhancement(s) in the part from the original production design. Each part number also contains a
revision code that refers to the die mask revision number and is specified in the part numbering scheme for
identification purposes only. For more information, contact your local Motorola sales office.
Figure 16. Motorola Part Number Key
1.7
Document Revision History
Table 22 lists significant changes in each revision of this document.
Table 22. Document Revision History
Revision
Date
Substantive Changes
0
—
Initial version
0.1
8/2001
• Table 8: Change to sp20/sp21.
0.2
11/2001
• Revision of Table 5, “Power Dissipation”
• Modifications to Figure 9, Table 2,Table 10, Table 11, and Table 17
• Modification to pinout diagram, Figure 13
• Additional revisions to text and figures throughout
0.3
11/2001
• Table 1: note 3
• Section 1.2.1: Removal of “Warning” recommending use of bootstrap diodes. They are not
needed.
• Table 9: Change to sp12.
• Table 10: Change to sp32.
• Note 2 for Table 15 and Table 16
• Addition of note at beginning of Section 1.3.2
• Note 1 for Table 17 and Table 18
• Table 19: Additions to B27, C28, D25, D27, E26, G29, H26–28, N25, P29, AF25, AA25, AB27
0.4
2/2002
• Note 2 for Table 2 (changes in italics): “...greater than or equal to 266 MHz, 200 MHz CPM...”
• Table 18: Core and bus frequency values for the following ranges of MODCK_HMODCK:
0011_000 to 0011_100 and 1011_000 to 1011_1000
• Table 19: Notes added to pins at AE11, AF25, U5, and V4.
Product Code
Device Number
Process Technology
Package
ZU = 480 TBGA
Processor Frequency
Die Revision Level
MPC 826X A
(None = 0.29 micron
C ZU XXX
(CPU/CPM/Bus)
X
A = 0.25 micron)
Temperature Range
(Blank = 0 to 105 ˚C
C = -40 to 105 ˚C
VR = 516 PBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com