Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260CVR Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC8260CVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260CVR Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC8260CVR Datasheet HTML 7Page - Motorola, Inc MPC8260CVR Datasheet HTML 8Page - Motorola, Inc MPC8260CVR Datasheet HTML 9Page - Motorola, Inc MPC8260CVR Datasheet HTML 10Page - Motorola, Inc MPC8260CVR Datasheet HTML 11Page - Motorola, Inc MPC8260CVR Datasheet HTML 12Page - Motorola, Inc MPC8260CVR Datasheet HTML 13Page - Motorola, Inc MPC8260CVR Datasheet HTML 14Page - Motorola, Inc MPC8260CVR Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
11
Electrical and Thermal Characteristics
1.2.2
Thermal Characteristics
Table 4 describes thermal characteristics.
1.2.3
Power Considerations
The average chip-junction temperature, TJ, in °C can be obtained from the following:
TJ = TA + (PD x θJA)
(1)
where
TA = ambient temperature °C
θ
JA = package thermal resistance, junction to ambient, °C/W
PD = PINT + PI/O
PINT = IDD x VDD Watts (chip internal power)
PI/O = power dissipation on input and output pins (determined by user)
For most applications PI/O < 0.3 x PINT. If PI/O is neglected, an approximate relationship between PD and TJ
is the following:
PD = K/(TJ + 273° C)
(2)
Solving equations (1) and (2) for K gives:
K = PD x (TA + 273° C) + θJA x PD
2
(3)
where K is a constant pertaining to the particular part. K can be determined from equation (3) by measuring
PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be obtained by solving
equations (1) and (2) iteratively for any value of TA.
Table 4. Thermal Characteristics for 480 TBGA Package
Characteristics
Symbol
Value
Unit
Air Flow
Junction to ambient
θJA
131
1 Assumes a single layer board with no thermal vias
°C/W
NC2
2 Natural convection
101
1 m/s
113
3 Assumes a four layer board
NC
83
1 m/s
Junction to board4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature
is measured on the top surface of the board near the package.
θJB
4
°C/W
—
Junction to case5
5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL
SPEC-883 Method 1012.1).
θJC
1.1
°C/W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com