Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260CVR Datasheet(PDF) 46 Page - Motorola, Inc

Part # MPC8260CVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260CVR Datasheet(HTML) 46 Page - Motorola, Inc

Back Button MPC8260CVR Datasheet HTML 40Page - Motorola, Inc MPC8260CVR Datasheet HTML 41Page - Motorola, Inc MPC8260CVR Datasheet HTML 42Page - Motorola, Inc MPC8260CVR Datasheet HTML 43Page - Motorola, Inc MPC8260CVR Datasheet HTML 44Page - Motorola, Inc MPC8260CVR Datasheet HTML 45Page - Motorola, Inc MPC8260CVR Datasheet HTML 46Page - Motorola, Inc MPC8260CVR Datasheet HTML 47Page - Motorola, Inc MPC8260CVR Datasheet HTML 48Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
46
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Document Revision History
0.5
3/2002
• Table 19: Modified notes to pins AE11 and AF25.
• Table 19: Addition of note to pins AA1 and AG4 (Therm0 and Therm1).
0.6
3/2002
• Table 19: Modified notes to pins AE11 and AF25.
0.7
5/2002
• Section 1.1, “Features”: minimum supported core frequency of 150 MHz
• Section 1.1, “Features”: updated performance values (under “Dual-issue integer core”)
• Table 2: Note 2 (changes in italics): “...less than or equal to 233 MHz, 166 MHz CPM...”
• Table 2: Addition of note 3.
0.8
1/2003
• Table 2: Modification to supply voltage ranges reflected in notes 2, 3, and 4.
• Table 4: Addition of
θJB and θJC.
• Table 7, Figure 8: Addition of sp42a/sp43a.
• Figure 3, Figure 4: Addition of note for FCC output.
• Figure 5, Figure 6, Figure 7: Addition of notes.
• Table 13, Table 16, and Table 18: Removal of PLL bypass mode from clock tables.
0.9
8/2003
• Note: In revision 0.3, sp30 (Table 10) was changed. This change was not previously recorded
in this “Document Revision History” Table.
• Removal of “HiP4 PowerQUICC II Documentation” table. These supplemental specifications
have been replaced by revision 1 of the MPC8260 PowerQUICC II™ Family Reference
Manual.
• Figure 1 and Section 1.1, “Features”: Addition of MPC8255 notes
• Addition of Figure 2
• Addition of VCCSYN to “Note: Core, PLL, and I/O Supply Voltages” following Table 2
• Addition of note 1 to Table 3
• Table 4: Changes to
θJA and θJB and θJC.
• Addition of notes or modifications to Figure 6, Figure 7, and Figure 8
• Table 9: Change of sp10.
• Addition of Table 14.
• Addition of note 2 to Table 19
• Table 19: Addition of FCC2 Rx and Tx [3,4] to CPM pins PD7, PD18, PD19, and PD29. Also,
the addition of SPICLK to PC19. They are documented correctly in the parallel I/O ports
chapter in the MPC8260 PowerQUICC II™ Family Reference Manual but had previously
been omitted from Table 19.
Table 22. Document Revision History (Continued)
Revision
Date
Substantive Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com