Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO5451DW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5451DW
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5451DW Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO5451DW Datasheet HTML 15Page - Texas Instruments ISO5451DW Datasheet HTML 16Page - Texas Instruments ISO5451DW Datasheet HTML 17Page - Texas Instruments ISO5451DW Datasheet HTML 18Page - Texas Instruments ISO5451DW Datasheet HTML 19Page - Texas Instruments ISO5451DW Datasheet HTML 20Page - Texas Instruments ISO5451DW Datasheet HTML 21Page - Texas Instruments ISO5451DW Datasheet HTML 22Page - Texas Instruments ISO5451DW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Ambient Temperature (qC)
0
50
100
150
200
0
50
100
150
200
250
300
350
400
VCC1 = 3.6 V
VCC1 = 5.5 V
VCC2 = 15 V
VCC2 = 30 V
Ambient Temperature (qC)
0
50
100
150
200
0
200
400
600
800
1000
1200
1400
Power
ISO5451
www.ti.com
SLLSEO1B – JUNE 2015 – REVISED DECEMBER 2015
9.3.6.5 Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier, potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA = 99.6°C/W, VI = 3.6 V, TJ = 150°C,
349
TA = 25°C
θJA = 99.6°C/W, VI = 5.5 V, TJ = 150°C,
228
TA = 25°C
IS
Safety input, output or supply current
mA
θJA = 99.6°C/W, VI = 15 V, TJ = 150°C,
84
TA = 25°C
θJA = 99.6°C/W, VI = 30 V, TJ = 150°C,
42
TA = 25°C
PS
Safety input, output, or total power
θJA = 99.6°C/W, TJ = 150°C, TA = 25°C
1255(1)
Maximum ambient safety
TS
150
°C
temperature
(1)
Input, output, or the sum of input and output power should not exceed this value
The safety-limiting constraint is the absolute-maximum junction temperature specified in the Absolute Maximum
Ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Information table is that of a device installed in the High-K Test Board for Leaded Surface-Mount
Packages. The power is the recommended maximum input voltage times the current. The junction temperature is
then the ambient temperature plus the power times the junction-to-air thermal resistance.
Figure 39. Thermal Derating Curve for Safety Limiting
Figure 40. Thermal Derating Curve for Safety Limiting
Current per VDE
Power per VDE
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ISO5451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com