Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO5451DW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5451DW
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5451DW Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO5451DW Datasheet HTML 18Page - Texas Instruments ISO5451DW Datasheet HTML 19Page - Texas Instruments ISO5451DW Datasheet HTML 20Page - Texas Instruments ISO5451DW Datasheet HTML 21Page - Texas Instruments ISO5451DW Datasheet HTML 22Page - Texas Instruments ISO5451DW Datasheet HTML 23Page - Texas Instruments ISO5451DW Datasheet HTML 24Page - Texas Instruments ISO5451DW Datasheet HTML 25Page - Texas Instruments ISO5451DW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
RG
OUT
1
NŸ
DESAT
GND2
VCC2
NC
15V
1 F
DDST
VEE2
CLAMP
3
1,8
5
4
6
2
7
15
9,16
11
10
12
13
14
IN-
IN+
RDY
10k
10k
VCC1
0.1 F
GND1
3V-5.5V
10R
220
pF
ISO5451
FLT
RST
1
NŸ
DESAT
GND2
VCC2
15V
1 F
DDST
VEE2
220
pF
CLAMP
3
1,8
5
4
6
2
7
15V
15
9,16
11
10
12
13
14
IN-
IN+
RDY
RST
10k
10k
FLT
VCC1
0.1 F
GND1
3V - 5.5V
10R
1 F
RG
NC
OUT
ISO5451
ISO5451
SLLSEO1B – JUNE 2015 – REVISED DECEMBER 2015
www.ti.com
Typical Applications (continued)
10.2.1 Design Requirements
Unlike optocoupler based gate drivers which need external current drivers and biasing circuitry to provide the
input control signals, the input control to the ISO5451 is CMOS and can be directly driven by the microcontroller.
Other design requirements include decoupling capacitors on the input and output supplies, a pullup resistor on
the common drain FLT output signal, and a high-voltage protection diode between the IGBT collector and the
DESAT input. Further details are explained in the subsequent sections. Table 2 shows the allowed range for
Input and Output supply voltage, and the typical current output available from the gate-driver.
Table 2. Design Parameters
PARAMETER
VALUE
Input supply voltage
3-V to 5.5-V
Unipolar output supply voltage (VCC2 - GND2 = VCC2 - VEE2)
15-V to 30-V
Bipolar output supply voltage (VCC2 - VEE2)
15-V to 30-V
Bipolar output supply voltage (GND2 - VEE2)
0-V to 15-V
Output current
2.5-A
10.2.2 Detailed Design Procedure
10.2.2.1 Recommended ISO5451 Application Circuit
The ISO5451 has both, inverting and non-inverting gate control inputs, an active low reset input, and an open
drain fault output suitable for wired-OR applications. The recommended application circuit in Figure 42 illustrates
a typical gate driver implementation with Unipolar Output Supply and Figure 43 illustrates a typical gate driver
implementation with Bipolar Output Supply using the ISO5451.
A 0.1-
μF bypass capacitor, recommended at input supply pin VCC1 and 1-μF bypass capacitor, recommended at
output supply pin VCC2, provide the large transient currents necessary during a switching transition to ensure
reliable operation. The 220 pF blanking capacitor disables DESAT detection during the off-to-on transition of the
power device. The DESAT diode (DDST) and its 1-kΩ series resistor are external protection components. The RG
gate resistor limits the gate charge current and indirectly controls the IGBT collector voltage rise and fall times.
The open-drain FLT output and RDY output has a passive 10-k
Ω pull-up resistor. In this application, the IGBT
gate driver is disabled when a fault is detected and will not resume switching until the micro-controller applies a
reset signal.
Figure 42. Unipolar Output Supply
Figure 43. Bipolar Output Supply
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO5451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com