Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO5451DW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5451DW
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5451DW Datasheet(HTML) 3 Page - Texas Instruments

  ISO5451DW Datasheet HTML 1Page - Texas Instruments ISO5451DW Datasheet HTML 2Page - Texas Instruments ISO5451DW Datasheet HTML 3Page - Texas Instruments ISO5451DW Datasheet HTML 4Page - Texas Instruments ISO5451DW Datasheet HTML 5Page - Texas Instruments ISO5451DW Datasheet HTML 6Page - Texas Instruments ISO5451DW Datasheet HTML 7Page - Texas Instruments ISO5451DW Datasheet HTML 8Page - Texas Instruments ISO5451DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
16
2
3
4
5
6
7
8
15
14
13
12
11
10
9
DESAT
VEE2
VCC2
GND2
VEE2
VCC1
GND1
RDY
IN-
IN+
GND1
FLT
RST
NC
OUT
CLAMP
ISO5451
www.ti.com
SLLSEO1B – JUNE 2015 – REVISED DECEMBER 2015
5 Description (continued)
The readiness for the gate driver to be operated is under the control of two undervoltage-lockout circuits
monitoring the input side and output side supplies. If either side has insufficient supply the RDY output goes low,
otherwise this output is high.
The ISO5451 is available in a 16-pin SOIC package. Device operation is specified over a temperature range from
–40°C to 125°C ambient.
6 Pin Configuration and Function
DW Package
16-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VEE2
1, 8
-
Output negative supply. Connect to GND2 for Unipolar supply application.
DESAT
2
I
Desaturation voltage input
GND2
3
-
Gate drive common. Connect to IGBT emitter.
NC
4
-
Not connected
VCC2
5
-
Most positive output supply potential.
OUT
6
O
Gate drive voltage output
CLAMP
7
O
Miller clamp output
GND1
9, 16
-
Input ground
IN+
10
I
Non-inverting gate drive voltage control input
IN-
11
I
Inverting gate drive voltage control input
RDY
12
O
Power-good output, active high when both supplies are good.
FLT
13
O
Fault output, low-active during DESAT condition
RST
14
I
Reset input, apply a low pulse to reset fault latch.
VCC1
15
-
Positive input supply (3 V to 5.5 V)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO5451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com