Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDFS2P102 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDFS2P102
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS2P102 Datasheet(HTML) 1 Page - ON Semiconductor

  MMDFS2P102 Datasheet HTML 1Page - ON Semiconductor MMDFS2P102 Datasheet HTML 2Page - ON Semiconductor MMDFS2P102 Datasheet HTML 3Page - ON Semiconductor MMDFS2P102 Datasheet HTML 4Page - ON Semiconductor MMDFS2P102 Datasheet HTML 5Page - ON Semiconductor MMDFS2P102 Datasheet HTML 6Page - ON Semiconductor MMDFS2P102 Datasheet HTML 7Page - ON Semiconductor MMDFS2P102 Datasheet HTML 8Page - ON Semiconductor MMDFS2P102 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 2
1
Publication Order Number:
MMDFS2P102/D
MMDFS2P102
Power MOSFET
2 Amps, 20 Volts
P−Channel SO−8, FETKYt
The FETKY product family incorporates low RDS(on), true logic
level MOSFETs packaged with industry leading, low forward drop,
low leakage Schottky Barrier rectifiers to offer high efficiency
components in a space saving configuration. Independent pinouts for
MOSFET and Schottky die allow the flexibility to use a single
component for switching and rectification functions in a wide variety
of applications such as Buck Converter, Buck−Boost, Synchronous
Rectification, Low Voltage Motor Control, and Load Management in
Battery Packs, Chargers, Cell Phones and other Portable Products.
• Power MOSFET with Low VF, Low IR Schottky Rectifier
• Lower Component Placement and Inventory Costs along with
Board Space Savings
• Logic Level Gate Drive − Can be Driven by Logic ICs
• Mounting Information for SO−8 Package Provided
• IDSS Specified at Elevated Temperature
• Applications Information Provided
MOSFET MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
(Note 1.)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MW)
VDGR
20
Vdc
Gate−to−Source Voltage − Continuous
VGS
"20
Vdc
Drain Current (Note 3.)
− Continuous @ TA = 25°C
− Continuous @ TA = 100°C
− Single Pulse (tp v 10 ms)
ID
ID
IDM
3.3
2.1
20
Adc
Apk
Total Power Dissipation @ TA = 25°C
(Note 2.)
PD
2.0
Watts
Single Pulse Drain−to−Source Avalanche
Energy − STARTING TJ = 25°C
VDD = 30 Vdc, VGS = 5.0 Vdc, VDS = 20
Vdc, IL = 9.0 Apk, L = 10 mH, RG = 25 W
EAS
324
mJ
1. Negative sign for P−channel device omitted for clarity.
2. Pulse Test: Pulse Width ≤ 250 μs, Duty Cycle ≤ 2.0%.
3. Mounted on 2″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided),
10 sec. max.
Anode
1
2
3
4
8
7
6
5
Top View
Anode
Source
Gate
Cathode
Cathode
Drain
Drain
Device
Package
Shipping
ORDERING INFORMATION
MMDFS2P102R2
SO−8
2500 Tape & Reel
http://onsemi.com
D
S
G
P−Channel
SO−8
CASE 751
STYLE 18
LYWW
MARKING
DIAGRAM
2P102
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
1
8
2 AMPERES
20 VOLTS
RDS(on) = 160 mW
VF = 0.39 Volts


Similar Part No. - MMDFS2P102

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDFS2P102 MOTOROLA-MMDFS2P102 Datasheet
248Kb / 12P
P-Channel Power MOSFET with Schottky Rectifier 20 Volts
More results

Similar Description - MMDFS2P102

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com