Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDFS2P102 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDFS2P102
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS2P102 Datasheet(HTML) 3 Page - ON Semiconductor

  MMDFS2P102 Datasheet HTML 1Page - ON Semiconductor MMDFS2P102 Datasheet HTML 2Page - ON Semiconductor MMDFS2P102 Datasheet HTML 3Page - ON Semiconductor MMDFS2P102 Datasheet HTML 4Page - ON Semiconductor MMDFS2P102 Datasheet HTML 5Page - ON Semiconductor MMDFS2P102 Datasheet HTML 6Page - ON Semiconductor MMDFS2P102 Datasheet HTML 7Page - ON Semiconductor MMDFS2P102 Datasheet HTML 8Page - ON Semiconductor MMDFS2P102 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MMDFS2P102
http://onsemi.com
3
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) (Note 4)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Voltage
(VGS = 0 Vdc, ID = 0.25 mA)
Temperature Coefficient (Positive)
V(BR)DSS
20
−
−
25
−
−
Vdc
mV/°C
Zero Gate Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
−
−
1.0
10
μAdc
Gate Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
−
−
100
nAdc
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mA)
Temperature Coefficient (Negative)
VGS(th)
1.0
−
1.5
4.0
2.0
−
Vdc
mV/°C
Static Drain−Source Resistance
(VGS = 10 Vdc, ID = 2.0 Adc)
(VGS = 4.5 Vdc, ID = 2.5 Adc)
RDS(on)
−
−
0.118
0.152
0.160
0.180
Ohms
Forward Transconductance (VDS = 3.0 Vdc, ID = 1.0 Adc)
gFS
2.0
3.0
−
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
−
420
588
pF
Output Capacitance
Coss
−
290
406
Reverse Transfer Capacitance
Crss
−
116
232
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
(VDS = 10 Vdc, ID = 2.0 Adc,
VGS = 4.5 Vdc,
RG = 6.0 Ω)
td(on)
−
19
38
ns
Rise Time
tr
−
66
132
Turn−Off Delay Time
td(off)
−
25
50
Fall Time
tf
−
37
74
Gate Charge
(VDS = 16 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
QT
−
15
20
nC
Q1
−
1.2
−
Q2
−
5.0
−
Q3
−
4.0
−
DRAIN SOURCE DIODE CHARACTERISTICS
Forward On−Voltage (Note 5)
(IS = 2.0 Adc,
VGS = 0 Vdc)
VSD
−
1.5
2.1
V
Reverse Recovery Time
(IS = 2.0 Adc, VDD = 15 V,
dIS/dt = 100 A/μs)
trr
−
38
−
ns
ta
−
17
−
tb
−
21
−
Reverse Recovery Stored
Charge
QRR
−
0.034
−
μC
SCHOTTKY RECTIFIER ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Maximum Instantaneous Forward Voltage (Note 5)
IF = 1.0 A
IF = 2.0 A
VF
TJ = 25°C
TJ = 125°C
Volts
0.47
0.58
0.39
0.53
Maximum Instantaneous Reverse Current (Note 5)
VR = 20 V
IR
TJ = 25°C
TJ = 125°C
mA
0.05
10
Maximum Voltage Rate of Change
VR = 20 V
dV/dt
10,000
V/ms
4. Negative sign for P−channel device omitted for clarity.
5. Pulse Test: Pulse Width ≤ 300 μsec, Duty Cycle ≤ 2.0%.
6. Switching characteristics are independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com